Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIC3211 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIC3211
Description  Analog CMOS Integrated Circuits
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3211 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIC3211 Datasheet HTML 1Page - KEC(Korea Electronics) KIC3211 Datasheet HTML 2Page - KEC(Korea Electronics) KIC3211 Datasheet HTML 3Page - KEC(Korea Electronics) KIC3211 Datasheet HTML 4Page - KEC(Korea Electronics) KIC3211 Datasheet HTML 5Page - KEC(Korea Electronics) KIC3211 Datasheet HTML 6Page - KEC(Korea Electronics) KIC3211 Datasheet HTML 7Page - KEC(Korea Electronics) KIC3211 Datasheet HTML 8Page - KEC(Korea Electronics) KIC3211 Datasheet HTML 9Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2011. 5. 27
1/9
SEMICONDUCTOR
TECHNICAL DATA
Revision No : 1
LOW Noise150mA CMOS High Performance LDO Regulator
The KIC3211Series Low Dropout Linear Regulator is ideally suited
for portable applications. It offers 1% initial accuracy,
extremely-low dropout voltage(220mV at 150mA, 3.0V Output Type)
and low ground current (typically 75uA). Designed specifically for handheld
and battery-powered devices, the KIC3211series provides a
TTL-logic-compatible ON/OFF control pin. When disabled,
power consumption drops nearly to zero.
The KIC3211Series also works with low-ESR ceramic capacitors,
reducing the amount of board space necessary for power applications,
critical in handheld wireless devices.
The Line transient response and load transient response of the
KIC3211Series are very excellent, thus ICs are very suitable for
the power supply for hand-held communication equipment.
Applications
・Cellular phones,Smart Phones, PDA
・Battery-powered equipment
・Laptop, notebook and palmtop computers
・Consumer/personal electronics
Features
・Input voltage range
1.7V to 6.0V
・High output accuracy
1.0% accuracy
・Low dropout
220mV@150mA 3.0V, Output type
・Stability with ceramic output capacitors
・High Ripple Rejection
Typ. 70dB(f=1kHz3.0V Output type)
Typ. 60dB(f=10kHz3.0V Output type)
・Low ground Current
Typ.75
μA
・Quiescent Current
Typ. 0.1
μA
・Excellent Line regulation
Typ. 0.02%/V
・Built-in Fold Back Protection Circuit
Typ. 50mA@Short mode
・Stability with ceramic output capacitors
Cin=Cout=1.0
・TTL-Logic-compatible ON/OFF control input
DIM
MILLIMETERS
A
A1
B
B1
C
D
H
J
K
1.6 0.1
+
_
1.0 0.05
+
_
+
_
1.2 0.05
1.6 0.05
+
_
0.5
0.22 0.05
+
_
0.6(max)
0.125 0.05
+
_
0.3 0.05
+
_
SON1612-6
BK
B1
16
5
4
2
3
1
VIN
3
VOUT
2
GND
4
NC
5
GND
6
CE
KIC3211 Series
Analog CMOS Integrated Circuits
Mark Spec.
Out line
No.
No. of Mark
Marking
Description
1~2
Series Voltage
X X
Output Voltage
(ex, 33A
→ VOUT=3.3V)
3
Device Definition
A
4~6
Lot. No.
X X X
Manufacture Year, Week
(ex, 924
→ 2009 year →24th week)
1
2
3
5
4
6
54
6
23
1


Similar Part No. - KIC3211

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC3211 KEC-KIC3211 Datasheet
356Kb / 10P
   Analog CMOS Integrated Circuits
KIC3211TSN12A KEC-KIC3211TSN12A Datasheet
356Kb / 10P
   Analog CMOS Integrated Circuits
KIC3211TSN13A KEC-KIC3211TSN13A Datasheet
356Kb / 10P
   Analog CMOS Integrated Circuits
KIC3211TSN14A KEC-KIC3211TSN14A Datasheet
356Kb / 10P
   Analog CMOS Integrated Circuits
KIC3211TSN15A KEC-KIC3211TSN15A Datasheet
356Kb / 10P
   Analog CMOS Integrated Circuits
More results

Similar Description - KIC3211

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC3211 KEC-KIC3211 Datasheet
356Kb / 10P
   Analog CMOS Integrated Circuits
KIC3522F KEC-KIC3522F Datasheet
381Kb / 6P
   Analog CMOS Integrated Circuits
KIC6971F KEC-KIC6971F Datasheet
499Kb / 8P
   Analog CMOS Integrated Circuits
KIC7608 KEC-KIC7608 Datasheet
1Mb / 15P
   Analog CMOS Integrated Circuits
KIC3926S KEC-KIC3926S Datasheet
64Kb / 6P
   Analog CMOS Integrated Circuits
KIC7108 KEC-KIC7108 Datasheet
920Kb / 8P
   Analog CMOS Integrated Circuits
KAC3305DN KEC-KAC3305DN Datasheet
481Kb / 6P
   Analog CMOS Integrated Circuits
KIC7508 KEC-KIC7508 Datasheet
771Kb / 7P
   Analog CMOS Integrated Circuits
KAC3304DU KEC-KAC3304DU Datasheet
63Kb / 7P
   Analog CMOS Integrated Circuits
KIC6961T KEC-KIC6961T Datasheet
1Mb / 11P
   Analog CMOS Integrated Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com