Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIC3210T-021 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIC3210T-021
Description  CMOS Linear Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3210T-021 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIC3210T-021 Datasheet HTML 1Page - KEC(Korea Electronics) KIC3210T-021 Datasheet HTML 2Page - KEC(Korea Electronics) KIC3210T-021 Datasheet HTML 3Page - KEC(Korea Electronics) KIC3210T-021 Datasheet HTML 4Page - KEC(Korea Electronics) KIC3210T-021 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2007. 6. 19
1/5
SEMICONDUCTOR
TECHNICAL DATA
Revision No : 5
150mA CMOS High Performance LDO Regulator
The KIC3210T series Low Dropout Linear Regulator is ideally suited for
portable applications. It offers 1% initial accuracy, extremely-low dropout
voltage(135mV at 150mA) and low ground current (typically 90uA). Designed
specifically for handheld and battery-powered devices, the KIC3210T provides
a TTL-logic-compatible ON/OFF control pin. When disabled, power
consumption drops nearly to zero.
The KIC3210T also works with low-ESR
ceramic capacitors, reducing the amount of board space necessary for power
applications, critical in handheld wireless devices.
Features
Input voltage range : 2.7V to 6.0V
Stability with ceramic output capacitors
Ultra-low dropout : 135mV @ 150mA
High output accuracy : 1.0% accuracy
Low quiescent current : 90 A
TTL-Logic-compatible ON/OFF control input
Zero off-mode current
Thermal shutdown and current limit protection
Applications
Cellular phones,Smart Phones, PDA
Battery-powered equipment
Laptop, notebook and palmtop computers
Consumer/personal electronics
DIM
MILLIMETERS
A
B
D
E
TSV
2.9 0.2
1.6+0.2/-0.1
0.70 0.05
0.4 0.1
2.8+0.2/-0.3
1.9 0.2
0.95
0.16 0.05
0.00-0.10
0.25+0.25/-0.15
C
F
G
H
I
J
K
0.60
L
0.55
B
E
H
J
J
2
3
15
4
+
_
+
_
+
_
+
_
+
_
1
V
IN
3
ON/OFF Control
2
GND
4
BYP
5 V
OUT
KIC3210T-018 ~
KIC3210T-035
CMOS Linear Integrated Circuit
Type Name
Lot No.
12
3
54
Marking


Similar Part No. - KIC3210T-021

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC3210T-025 KEC-KIC3210T-025 Datasheet
431Kb / 5P
   CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator
KIC3210T-026 KEC-KIC3210T-026 Datasheet
431Kb / 5P
   CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator
KIC3210T-027 KEC-KIC3210T-027 Datasheet
431Kb / 5P
   CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator
KIC3210T-028 KEC-KIC3210T-028 Datasheet
431Kb / 5P
   CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator
KIC3210T-029 KEC-KIC3210T-029 Datasheet
431Kb / 5P
   CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator
More results

Similar Description - KIC3210T-021

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC3201S KEC-KIC3201S_07 Datasheet
477Kb / 5P
   CMOS Linear Integrated Circuit
KIC3201S KEC-KIC3201S_15 Datasheet
385Kb / 5P
   CMOS Linear Integrated Circuit
logo
Toshiba Semiconductor
TCK106AG TOSHIBA-TCK106AG Datasheet
449Kb / 12P
   CMOS Linear Integrated Circuit Silicon Monolithic
TC75S58AFE TOSHIBA-TC75S58AFE Datasheet
152Kb / 8P
   CMOS Linear Integrated Circuit Silicon Monolithic
TCB010FNG TOSHIBA-TCB010FNG Datasheet
671Kb / 26P
   CMOS Linear Integrated Circuit Silicon Monolithic
TC75S201L6X TOSHIBA-TC75S201L6X Datasheet
229Kb / 7P
   TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TB2941HQ TOSHIBA-TB2941HQ Datasheet
1,017Kb / 24P
   Bi-CMOS Linear Integrated Circuit Silicon Monolithic
TB2938HQ TOSHIBA-TB2938HQ Datasheet
551Kb / 26P
   Bi-CMOS Linear Integrated Circuit Silicon Monolithic
TCK106AF TOSHIBA-TCK106AF Datasheet
585Kb / 12P
   TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TB2996HQ TOSHIBA-TB2996HQ Datasheet
1Mb / 24P
   Bi-CMOS Linear Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com