Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIA431520F Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KIA431520F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA431520F Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KIA431520F Datasheet HTML 1Page - KEC(Korea Electronics) KIA431520F Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2005. 2. 22
2/2
KIA431340F~KIA431525F
Revision No : 0
1
2
3
4
8
7
6
5
Cathode
NC
Reference
NC
VOUT
NC
GND
Photo Coupler Input
R1
R3
R2
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
IK=5mA,
VKA=VOUT
KIA431340F
3.332
3.40
3.468
V
KIA431505F
4.949
5.05
5.151
KIA431515F
5.047
5.15
5.253
KIA431520F
5.096
5.20
5.304
KIA431525F
5.145
5.25
5.355
Load Regulation
Reg Load
IOUT=5mA~100mA
-
-
300
mV
Output Start Current
ISTART
VOUT=Constant
-
-
4
mA
Reference Input Voltage
VREF
IK=10mA, VKA=VOUT
2.470
2.495
2.520
V
Off-State Cathode Current
IOFF
VKA=36V, VREF=VOUT=GND
-
-
1500
nA
ITEM
R1 ( )
R2 ( )
R3 ( )
KIA431340F
0.36
1.0
0.61
KIA431505F
1.03
KIA431515F
1.07
KIA431520F
1.09
KIA431525F
1.11
1
2
3
4
8
7
6
5
KIA431340F
CY1
222/400V
C1
1000
16V
D2
U5A2CIC
PC1
L1
R1
C2
GND
C4
104
VOUT=3.3V
C3
470
Fig. 1 BLOCK DIAGRAM
Fig. 2 APPLICATION CIRCUIT FOR STANDARD


Similar Part No. - KIA431520F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA431 KEC-KIA431 Datasheet
133Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (PROGRAMMABLE PRECISION REFERENCES)
KIA431 KEC-KIA431 Datasheet
417Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431 KEC-KIA431 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431A KEC-KIA431A Datasheet
133Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (PROGRAMMABLE PRECISION REFERENCES)
KIA431A KEC-KIA431A Datasheet
417Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIA431520F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com