Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIA78MR10PI Datasheet(PDF) 8 Page - KEC(Korea Electronics)

Part # KIA78MR10PI
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78MR10PI Datasheet(HTML) 8 Page - KEC(Korea Electronics)

  KIA78MR10PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA78MR10PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA78MR10PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA78MR10PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA78MR10PI Datasheet HTML 5Page - KEC(Korea Electronics) KIA78MR10PI Datasheet HTML 6Page - KEC(Korea Electronics) KIA78MR10PI Datasheet HTML 7Page - KEC(Korea Electronics) KIA78MR10PI Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
2002. 1. 9
8/8
KIA78MR05PI~KIA78MR15PI
Revision No : 0
Fig.9 T
- I
JUNCTION TEMPERATURE T
( C)
0
-25
j
Q
j
0
25
50
75
100
125
2
4
6
8
10
V
=35V
I =0
IN
O
Fig.10-1 f - RR
INPUT RIPPLE FREQUENCY f (kHz)
0.1
0
10
20
30
40
50
60
70
80
1
10
100
I =0.25A, ei=0.5V
O
rms
OUTPUT CURRENT I
(A)
C
=3.3
µF
0
30
ref
rms
Fig.10-2 I
- RR
O
O
f=120Hz,ei=0.5V
0.25
0.5
40
50
60
70
80


Similar Part No. - KIA78MR10PI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78MR18PI KEC-KIA78MR18PI Datasheet
707Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIA78MR10PI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com