Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIA78MR18PI Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KIA78MR18PI
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78MR18PI Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KIA78MR18PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA78MR18PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA78MR18PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA78MR18PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA78MR18PI Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2002. 1. 9
4/5
KIA78MR18PI~KIA78MR37PI
Revision No : 0
-100
-25
JUNCTION TEMPERATURE T
( C)
j
j
o
Fig.5-1 T
-
V (KIA78MR25)
0
25
50
75
100
125
-50
0
50
100
150
V
=4.2V
I =0.25A
IN
O
j
JUNCTION TEMPERATURE T ( C)
Fig.5-3 T
-
V (KIA78MR33)
j
o
0
0
OUTPUT CURRENT I
(A)
O
Fig.4
I
- V
0.25
0.50
0.75
1.0
20
40
60
80
100
O
O
JUNCTION TEMPERATURE T
( C)
j
Fig.5-4 T
-
V (KIA78MR35)
j
o
25
JUNCTION TEMPERATURE T ( C)
-25
-100
-50
0
50
0
100
50
75
j
125
Fig.5-2 T
-
V (KIA78MR30)
150
100
I =0.25A
V =4.7V
O
IN
-100
-25
0
25
50
75
100
125
-50
0
50
100
150
V
=5.0V
I =0.25A
IN
O
25
-25
-100
-50
0
50
0
100
50
75
150
100
I =0.25A
V =5.2V
O
IN
j
o
AMBIENT TEMPERATURE Ta ( C)
Fig.3 Ta - P
Note) Oblique line portion : Overheat
protection may operate in this
area.
D
0
-25
0
50
100
150
5
10
15
20
P 1:No heat sink
p 2:With infinite heat sink
D
D
P 1
P 2
D
D


Similar Part No. - KIA78MR18PI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78MR10PI KEC-KIA78MR10PI Datasheet
1Mb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78MR12PI KEC-KIA78MR12PI Datasheet
1Mb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78MR15PI KEC-KIA78MR15PI Datasheet
1Mb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIA78MR18PI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com