Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KGT25N120NDA Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KGT25N120NDA
Description  SEMICONDUCTOR TECHNICAL DATA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KGT25N120NDA Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KGT25N120NDA Datasheet HTML 1Page - KEC(Korea Electronics) KGT25N120NDA Datasheet HTML 2Page - KEC(Korea Electronics) KGT25N120NDA Datasheet HTML 3Page - KEC(Korea Electronics) KGT25N120NDA Datasheet HTML 4Page - KEC(Korea Electronics) KGT25N120NDA Datasheet HTML 5Page - KEC(Korea Electronics) KGT25N120NDA Datasheet HTML 6Page - KEC(Korea Electronics) KGT25N120NDA Datasheet HTML 7Page - KEC(Korea Electronics) KGT25N120NDA Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2009. 10. 29
2/8
KGT25N120NDA
Revision No : 0
ELECTRICAL CHARACTERISTICS (Ta=25℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Static
Collector-Emitter Breakdown Voltage
BVCES
VGE=0V , IC=1mA
1200
-
-
V
Collector Cut-off Current
ICES
VGE=0V, VCE=1200V
-
-
1.0
mA
Gate Leakage Current
IGES
VCE=0V, VGE=±20V
-
-
±100
nA
Gate Threshold Voltage
VGE(th)
VGE=VCE, IC=25mA
4.0
5.5
7.0
V
Collector-Emitter Saturation Voltage
VCE(sat)
VGE=15V, IC=25A
-
1.95
2.30
V
VGE=15V, IC=25A, TC = 125℃
-
2.25
-
V
VGE=15V, IC=50A
-
2.50
-
V
Dynamic
Total Gate Charge
Qg
VCC=600V, VGE=15V, IC= 25A
-
200
300
nC
Gate-Emitter Charge
Qge
-
20
-
nC
Gate-Collector Charge
Qgc
-
80
-
nC
Turn-On Delay Time
td(on)
VCC=600V, IC=25A, VGE=15V,RG=10Ω
Inductive Load, TC = 25℃
-
60
-
ns
Rise Time
tr
-
50
-
ns
Turn-Off Delay Time
td(off)
-
290
-
ns
Fall Time
tf
-
100
-
ns
Turn-On Switching Loss
Eon
-
4.1
6.1
mJ
Turn-Off Switching Loss
Eoff
-
0.86
1.4
mJ
Total Switching Loss
Ets
-
4.96
7.5
mJ
Turn-On Delay Time
td(on)
VCC=600V, IC=25A, VGE=15V, RG=10Ω
Inductive Load, TC = 125℃
-
60
-
ns
Rise Time
tr
-
50
-
ns
Turn-Off Delay Time
td(off)
-
300
-
ns
Fall Time
tf
-
150
-
ns
Turn-On Switching Loss
Eon
-
4.3
6.3
mJ
Turn-Off Switching Loss
Eoff
-
1.2
2.1
mJ
Total Switching Loss
Ets
-
5.5
8.4
mJ
Input Capacitance
Cies
VCE=30V, VGE=0V, f=1MHz
-
3100
-
pF
Ouput Capacitance
Coes
-
100
-
pF
Reverse Transfer Capacitance
Cres
-
80
-
pF


Similar Part No. - KGT25N120NDA

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KGT25N120NDA KEC-KGT25N120NDA_15 Datasheet
129Kb / 8P
   High speed switching
More results

Similar Description - KGT25N120NDA

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KGT15N120KDA KEC-KGT15N120KDA Datasheet
1Mb / 8P
   SEMICONDUCTOR TECHNICAL DATA
KGT25N120KDA KEC-KGT25N120KDA Datasheet
567Kb / 8P
   SEMICONDUCTOR TECHNICAL DATA
KGH15N120NDA KEC-KGH15N120NDA Datasheet
64Kb / 6P
   SEMICONDUCTOR TECHNICAL DATA
logo
Leshan Radio Company
BZX84C2V4LT1 LRC-BZX84C2V4LT1 Datasheet
171Kb / 5P
   SEMICONDUCTOR(TECHNICAL DATA)
logo
KEC(Korea Electronics)
KIA78R015PI KEC-KIA78R015PI Datasheet
108Kb / 10P
   SEMICONDUCTOR TECHNICAL DATA
KIA78R015F KEC-KIA78R015F Datasheet
108Kb / 10P
   SEMICONDUCTOR TECHNICAL DATA
A393F KEC-A393F Datasheet
67Kb / 3P
   SEMICONDUCTOR TECHNICAL DATA
Revision No : 0
logo
Motorola, Inc
MRF372 MOTOROLA-MRF372 Datasheet
528Kb / 12P
   SEMICONDUCTOR TECHNICAL DATA
logo
KEC(Korea Electronics)
SMFZ4.3V-36V KEC-SMFZ4.3V-36V Datasheet
47Kb / 2P
   SEMICONDUCTOR TECHNICAL DATA
KGT15N120NDA KEC-KGT15N120NDA Datasheet
101Kb / 6P
   SEMICONDUCTOR TECHNICAL DATA
KIC9256 KEC-KIC9256 Datasheet
707Kb / 29P
   SEMICONDUCTOR TECHNICAL DATA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com