Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CEN-75-20 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # CEN-75-20
Description  75W Single Output LED Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

CEN-75-20 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  CEN-75-20 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. CEN-75-20 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. CEN-75-20 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
58
62
66
70
74
78
82
86
90
94
10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
277Vac
230Vac
115Vac
0 . 7 8
0 . 8 0
0 . 8 2
0 . 8 4
0 . 8 6
0 . 8 8
0 . 9 0
0 . 9 2
0 . 9 4
0 . 9 6
0 . 9 8
1 . 0 0
5 0 %
6 0 %
7 0 %
8 0 %
9 0 %
1 0 0 %
2 7 7 V a c
2 3 0 V a c
1 1 5 V a c
CEN-75seriespossesssuperiorworkingefficiencythatupto91%canbereachedinfieldapplications.
PowerFactorCharacteristic
EFFICIENCY vsLOAD(48VModel)
DRIVINGMETHODSOFLEDMODULE
LOAD
LOAD
(75W)
ConstantCurrentMode
ThisLEDpowersupplyissuggestedtoworkinconstantcurrentmodearea(CC)todrivetheLEDs.
TypicalLEDpowersupplyI-Vcurve
100
75
50
100
(max.)
Io (%)
Constant
Current area
Hiccup
Protection
75WSingleOutputLEDPowerSupply
C E N - 7 5 series
FileName:CEN-75-SPEC 2012-03-20


Similar Part No. - CEN-75-20

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
CEN-75-20 MEANWELL-CEN-75-20 Datasheet
309Kb / 3P
   75W Single Output LED Power Supply
CEN-75-20 MEANWELL-CEN-75-20 Datasheet
311Kb / 3P
   75W Single Output LED Power Supply
More results

Similar Description - CEN-75-20

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ELG-75-C MEANWELL-ELG-75-C Datasheet
140Kb / 7P
   75W Single Output LED Power Supply
CEN-75 MEANWELL-CEN-75 Datasheet
309Kb / 3P
   75W Single Output LED Power Supply
CEN-75 MEANWELL-CEN-75_11 Datasheet
311Kb / 3P
   75W Single Output LED Power Supply
logo
Total Power Internation...
NES-75 TOTAL-POWER-NES-75 Datasheet
406Kb / 2P
   75W Single Output Switching Power Supply
logo
Astrodyne Corporation
LPS75 ASTRODYNE-LPS75 Datasheet
322Kb / 4P
   75W Single Output Switching Power Supply
RS-75 ASTRODYNE-RS-75 Datasheet
307Kb / 2P
   75W Single Output Switching Power Supply
logo
RSG Electronic Componen...
LPS-75 RSG-LPS-75 Datasheet
188Kb / 2P
   75W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
NES-75 MEANWELL-NES-75 Datasheet
404Kb / 2P
   75W Single Output Switching Power Supply
LPS-75 MEANWELL-LPS-75_10 Datasheet
304Kb / 2P
   75W Single Output Switching Power Supply
logo
Astrodyne Corporation
LPS-75 ASTRODYNE-LPS-75 Datasheet
377Kb / 2P
   75W Single Output Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com