Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR-100-15 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # DR-100-15
Description  100W Single Output Industrial DIN Rail Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

DR-100-15 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  DR-100-15 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. DR-100-15 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
DR-100-12
DR-100-15
DR-100-24
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT (Typ.)
SAFETY STANDARDS
WORKINGHUMIDITY
WORKINGTEMP.
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
Note.6
OVERVOLTAGE
12V
15V
24V
7.5A
6.5A
4.2A
0~7.5A
0~6.5A
0~4.2A
90W
97.5W
100.8W
120mVp-p
120mVp-p
150mVp-p
1.0%
1.0%
15~18V
24~29V
12~15V
1.0%
2.0%
1.0%
1.0%
1.0%
1.0%
1.0%
2700ms,80ms/230VAC2700ms,80ms/115VAC atfullload
50ms/230VAC18ms/115VAC atfullload
88~264VAC124~370VDC
47~63Hz
87%
87%
89%
3A/115VAC1.6A/230VAC
COLDSTART 30A/115VAC45A/230VAC
105~135% ratedoutputpower
Protectiontype: Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
16~20V
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
19~23V
30~35V
-20~+60
(Referto"DeratingCurve")
20~90%RHnon-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
)
Component:10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes;Mounting:CompliancetoIEC60068-2-6
486Khrsmin.MIL-HDBK-217F(25
)
100*93*56mm(W*H*D)
0.35Kg;36pcs/13.6Kg/0.89CUFT
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Harmonic current test @ 90% load.
6. Under short circuit or overload >150% conditions, output voltage may shut down for 5 sec. and then go into constant current protection mode.
FileName:DR-100-SPEC2011-06-17
CompliancetoEN61204-3,EN55022ClassB, EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN55024,EN61000-6-2,EN61204-3,heavyindustrylevel,criteria A
100WSingleOutputIndustrialDINRailPowerSupply
D R - 1 0 0 series
Universal AC input / Full range
Protections: Short circuit / Overload / Over voltage / Over temperature
Cooling by free air convection
Can be installed on DIN rail TS-35/7.5 or 15
Isolation class
LED indicator for power on
100% full load burn-in test
3 years warranty
No load power consumption<1W
Features :
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
PROTECTION
SAFETY &
EMC
(Note4)
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVAC
I/P-O/P:>100MOhms/500VDC/25
/70%RH
UL60950-1, TUVEN60950-1a
EN50178
pproved,designreferto
..
OVERTEMPERATURE
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
90
15
(RTH2)detectonheatsinkofpowertransistor
EMCIMMUNITY
EMCEMISSION


Similar Part No. - DR-100-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DR-100-15 MEANWELL-DR-100-15 Datasheet
245Kb / 2P
   100W Single Output Industrial DIN Rail Power Supply
DR-100-15 MEANWELL-DR-100-15 Datasheet
348Kb / 2P
   100W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
DR-100-15 TOTAL-POWER-DR-100-15 Datasheet
439Kb / 2P
   100W Single Output Industrial DIN Rail Power Supply
More results

Similar Description - DR-100-15

ManufacturerPart #DatasheetDescription
logo
Altech corporation
PS-100 ALTECH-PS-100 Datasheet
513Kb / 2P
   100W Single Output Industrial DIN Rail Power Supply
PS-S100 ALTECH-PS-S100 Datasheet
712Kb / 2P
   100W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
DR-100 MEANWELL-DR-100 Datasheet
245Kb / 2P
   100W Single Output Industrial DIN Rail Power Supply
DR-100 MEANWELL-DR-100_10 Datasheet
348Kb / 2P
   100W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
DR-100 TOTAL-POWER-DR-100 Datasheet
439Kb / 2P
   100W Single Output Industrial DIN Rail Power Supply
logo
Altech corporation
PSS100 ALTECH-PSS100 Datasheet
121Kb / 1P
   100W Single Output Industrial DIN Rail Power Supply PS-S100 Series
logo
Total Power Internation...
WDR-480 TOTAL-POWER-WDR-480 Datasheet
381Kb / 3P
   480W Single Output Industrial DIN RAIL Power Supply
logo
Astrodyne Corporation
DRP-240 ASTRODYNE-DRP-240 Datasheet
322Kb / 2P
   240W Single Output Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
MDR-60 MEANWELL-MDR-60 Datasheet
255Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
DR-45 TOTAL-POWER-DR-45 Datasheet
330Kb / 2P
   45W Single Output Industrial DIN Rail Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com