Part Name
         Description
LV8549MC

 Bi-CMOS integrated circuit 12V Low Saturation Voltage Drive Stepping Motor Driver ( 5 Page)


SANYO
100% 
Zoom Out Zoom In
   
 3 page
background image
LV8549MC
No.A2039-3/5
Block Diagram
Pin function
Pin No.
Pin name
Pin function
Equivalent Circuit
1
VCC
Power-supply voltage pin.
VCC voltage is impressed. The permissible operation voltage is from
4.0 to 16.0(V). The capacitor is connected for stabilization for GND pin
(6pin).
2
ENA
Motor drive control input pin.
It shifts from the stand-by state to a prescribed output operation
corresponding to the state of the input when the ENA pin becomes a
standby mode by L, the circuit current can be adjusted to 0, and it makes
it to H. It is a digital input, and the range of L level input is 0 to 0.7(V) and
the range of H level input are 1.8 to 5.5(V). PWM can be input.
Pull-down resistance 100(k
Ω) is built into in the terminal.
3
IN1
Motor drive control input pin.
Driving control input pin of OUT1 (10pin) and OUT2 (9pin). PWM can be
input. With built-in pull-down resistance.
5VREG
4
IN2
Motor drive control input pin.
Driving control input pin of OUT3 (8pin) and OUT4 (7pin). PWM can be
input. With built-in pull-down resistance.
5
NC
6
GND
Ground pin.
7
OUT4
Driving output pin.
The motor coil is connected between terminal OUT3 (8pin).
VCC
OUT1
(OUT3)
OUT2
(OUT4)
8
OUT3
Driving output pin.
The motor coil is connected between terminal OUT4 (7pin).
9
OUT2
Driving output pin.
The motor coil is connected between terminal OUT1 (10pin).
10
OUT1
Driving output pin.
The motor coil is connected between terminal OUT2 (9pin).
LVS
INPUT
LOGIC
H-side
PRE
L-side
PRE
H-side
PRE
L-side
PRE
VCC
VCC
OUT1
OUT2
M
OUT3
OUT4
IN1
IN2
ENA
TSD
VREF
GND



Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl