Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC74900 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC74900
Description  CMOS IC Silicon gate LCD PROCESSOR LSI for small size display
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74900 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC74900 Datasheet HTML 1Page - Sanyo Semicon Device LC74900 Datasheet HTML 2Page - Sanyo Semicon Device LC74900 Datasheet HTML 3Page - Sanyo Semicon Device LC74900 Datasheet HTML 4Page - Sanyo Semicon Device LC74900 Datasheet HTML 5Page - Sanyo Semicon Device LC74900 Datasheet HTML 6Page - Sanyo Semicon Device LC74900 Datasheet HTML 7Page - Sanyo Semicon Device LC74900 Datasheet HTML 8Page - Sanyo Semicon Device LC74900 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LC74900
No.A2000-3/14
Specifications
Absolute Maximum Ratings at Ta = 25
°C, DVSS = 0V, ADC0AVSS = 0V, ADC1AVSS = 0V, PLLAVSS = 0V,
XVSS = 0V
Parameter
Symbol
Conditions
Ratings
unit
Maximum supply voltage (I/O)
DVDD33
XVDD33
DVDD3318
-0.3 to +3.96
V
Maximum supply voltage
(Analog)
ADC0AVDD33
ADC1AVDD33
PLLAVDD33
-0.3 to +3.96
V
Maximum supply voltage (Core)
DVDD15
-0.3 to +1.8
V
-0.3 to DVDD33+0.3
VI
-0.3 to DVDD3318+0.3
Digital input voltage
VI (5V Tolerant)
-0.3 to +5.6
V
-0.3 to DVDD33+0.3
Digital output voltage
VO
-0.3 to DVDD3318+0.3
V
Maximum allowable loss
Pd max
Ta = 85
°C, With evaluation board*
0.7
W
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-55 to +125
°C
*: Board size: 150mm
× 150mm × 1.6mm, FR-4, 6layers
Allowable Operation Ranges at Ta = -40 to +85
°C, DVSS = 0V, ADC0AVSS = 0V, ADC1AVSS = 0V,
PLLAVSS = 0V, XVSS = 0V
Parameter
Symbol
Conditions
min
typ
max
unit
DVDD33
XVDD33
3.15
3.3
3.45
V
3.15
3.3
3.45
V
Supply voltage (I/O)
DVDD3318
1.7
1.8
1.9
V
Supply voltage (Analog)
ADC0AVDD33
ADC1AVDD33
PLLAVDD33
3.15
3.3
3.45
V
Supply voltage (Core)
DVDD15
1.4
1.5
1.6
V
Input voltage range
VIN
0
DVDD33
DVDD3318
V
Input voltage range
(5V Tolerant)
VIN5
0
5.5
V


Similar Part No. - LC74900

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC749402BG SANYO-LC749402BG Datasheet
103Kb / 11P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749402PT SANYO-LC749402PT Datasheet
89Kb / 10P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749403BG SANYO-LC749403BG Datasheet
230Kb / 13P
   Silicon gate LCD Picture Quality Improvement IC
LC749450NW SANYO-LC749450NW Datasheet
116Kb / 17P
   Silicon Gate CMOS IC Digital RGB Image Processor IC
LC749460W SANYO-LC749460W Datasheet
145Kb / 20P
   Silicon gate Digital RGB Processor LSI
More results

Similar Description - LC74900

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EL8332 ETRON-EL8332 Datasheet
247Kb / 2P
   Small Size LCD Processor
EL8323 ETRON-EL8323 Datasheet
51Kb / 2P
   Small Size LCD Processor
logo
Sanyo Semicon Device
LC74950BG SANYO-LC74950BG Datasheet
356Kb / 37P
   CMOS IC Silicon gate 40/30MSPS Analog Display I/F LSI
LC749450NW SANYO-LC749450NW Datasheet
116Kb / 17P
   Silicon Gate CMOS IC Digital RGB Image Processor IC
LC749880T SANYO-LC749880T Datasheet
118Kb / 17P
   Silicon gate Image controller LSI for LCD-TV
LC749402BG SANYO-LC749402BG Datasheet
103Kb / 11P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749402PT SANYO-LC749402PT Datasheet
89Kb / 10P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749460W SANYO-LC749460W Datasheet
145Kb / 20P
   Silicon gate Digital RGB Processor LSI
LV4147W SANYO-LV4147W Datasheet
435Kb / 26P
   Bi-CMOS LSI For LCD Panel Drive Single Chip IC
LV4138W SANYO-LV4138W Datasheet
436Kb / 26P
   Bi-CMOS LSI For LCD Panel Drive Single Chip IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com