Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA5724MC Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LA5724MC
Description  Monolithic Linear IC Separately-Excited Step-Down Switching Regulator(Variable Type)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5724MC Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA5724MC Datasheet HTML 1Page - Sanyo Semicon Device LA5724MC Datasheet HTML 2Page - Sanyo Semicon Device LA5724MC Datasheet HTML 3Page - Sanyo Semicon Device LA5724MC Datasheet HTML 4Page - Sanyo Semicon Device LA5724MC Datasheet HTML 5Page - Sanyo Semicon Device LA5724MC Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LA5724MC
No.A2021-4/6
Protection Circuit Functional Descriptions
Overcurrent protection function
The overcurrent protection function detects, on a pulse-by-pulse basis, the output transistor current and turns off that
output transistor current if it exceeds 0.7A in a pulse-by-pulse manner.
Short circuit protection function
This IC prevents the current from increasing when the outputs are shorted by setting the switching frequency to
30kHz if the VOS pin voltage falls below 0.8V.
Note : At startup, since the switching frequency will be 30kHz while the VOS pin voltage is 0.8Vor lower, the
current capacity is reduced. If the load is applied at startup and the applications has trouble starting, increase
the value of the inductor to resolve this problem.
Timing Chart
Limit current
Inductor current
SWOUT voltage
0V
0.8V
1.23V
30kHz
160kHz
VIN voltage
SWOUT voltage
VOS voltage


Similar Part No. - LA5724MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA5724MC ONSEMI-LA5724MC Datasheet
158Kb / 6P
   Separately-Excited Step-Down Switching Regulator
August, 2013
More results

Similar Description - LA5724MC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5754MP SANYO-LA5754MP Datasheet
66Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5724M SANYO-LA5724M Datasheet
72Kb / 5P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5759 SANYO-LA5759 Datasheet
132Kb / 4P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5774MP SANYO-LA5774MP Datasheet
176Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5744MP SANYO-LA5744MP Datasheet
74Kb / 5P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5735M SANYO-LA5735M Datasheet
81Kb / 7P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5744TP SANYO-LA5744TP Datasheet
74Kb / 5P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5779MP SANYO-LA5779MP Datasheet
222Kb / 4P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5735MC SANYO-LA5735MC Datasheet
110Kb / 6P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator(Variable Type)
LA5744 SANYO-LA5744 Datasheet
76Kb / 5P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5774 SANYO-LA5774 Datasheet
69Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com