Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPS-45-36 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # EPS-45-36
Description  45W Single Output Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

EPS-45-36 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  EPS-45-36 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. EPS-45-36 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. EPS-45-36 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MechanicalSpecification
Unit:mm
BlockDiagram
CIRCUIT
DETECTION
O.L.P.
EMIFILTER
RECTIFIER
&
PFC
CIRCUIT
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
O.V.P.
fosc:100KHz
FileName:EPS-45-SPEC2011-04-08
ACInputConnector(CN1):JST B3P-VHorequivalent
PinNo.
1
2
3
Assignment
AC/N
NoPin
AC/L
MatingHousing
JST VHR
JST SVH-21T-P1.1
orequivalent
orequivalent
Terminal
DCOutputConnector(CN2):JST B4P-VHorequivalent
PinNo.
1,2
3,4
Assignment
+V
-V
MatingHousing
JST VHR
orequivalent
Terminal
JST SVH-21T-P1.1
orequivalent
1.HS1,HS2 can not be shorted.
2.HS1 must have safety isolation distance with system case.
CN1
2
3
1
ACFUSE
FS1
T2.5A/250V
1
4
SVR1
CN2
101.6
95.25
3.175
HS2
2
3
HS1
4-
3.3
OptionalL-Bracket:
No.998A -D
Mylarfilm
Optionalcover:
No.998A -T
4.2
95
78
2-M
3
12.7
2-M
3L
=4
2-M
3L
=4
55
103
.4
24.2
30.
85
62
2-
3.5
45WSingleOutputSwitchingPowerSupply
E P S - 4 5 series


Similar Part No. - EPS-45-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
EPS-45-36 MEANWELL-EPS-45-36 Datasheet
1Mb / 3P
   45W Single Output Switching Power Supply
EPS-45-36C MEANWELL-EPS-45-36C Datasheet
1Mb / 3P
   45W Single Output Switching Power Supply
More results

Similar Description - EPS-45-36

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PS-45 ASTRODYNE-PS-45 Datasheet
1Mb / 8P
   45W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
EPS-45S MEANWELL-EPS-45S Datasheet
96Kb / 4P
   45W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS45 ASTRODYNE-PS45 Datasheet
322Kb / 4P
   45W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-45 MEANWELL-PS-45_11 Datasheet
341Kb / 2P
   45W Single Output Switching Power Supply
PS-45 MEANWELL-PS-45 Datasheet
338Kb / 2P
   45W Single Output Switching Power Supply
logo
RSG Electronic Componen...
PS-45 RSG-PS-45 Datasheet
197Kb / 2P
   45W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
EPS-45 MEANWELL-EPS-45_12 Datasheet
1Mb / 3P
   45W Single Output Switching Power Supply
EPS-45-5-C MEANWELL-EPS-45-5-C Datasheet
1Mb / 4P
   45W Single Output Switching Power Supply
PSD-45 MEANWELL-PSD-45_11 Datasheet
450Kb / 2P
   45W DC-DC Single Output Switching Power Supply
PT-45_1109 MEANWELL-PT-45_1109 Datasheet
343Kb / 2P
   45W Triple Output Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com