Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VHS1-S12-S12-SIP Datasheet(PDF) 3 Page - CUI INC

Part # VHS1-S12-S12-SIP
Description  VHS1-SIP Series Dc-Dc Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHS1-S12-S12-SIP Datasheet(HTML) 3 Page - CUI INC

  VHS1-S12-S12-SIP Datasheet HTML 1Page - CUI INC VHS1-S12-S12-SIP Datasheet HTML 2Page - CUI INC VHS1-S12-S12-SIP Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
VHS1-SIP Series Dc-Dc Converter
Rev. 01-2011
3/ 3
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
Application Notes:
- Input filtering
To reduce the reflected ripple current and minimize
EMI, especially when the converter input is more
than 2” away from the DC source, it is recommended
to connect a low ESR electrolytic capacitor between
Vin and Gnd. The values suggested are as shown in
Table 1. If additional filtering is required, the
capacitance may be increased, or expanded to an LC
network as shown in Figure 1.
Input Voltage
External Input Capacitance
4.7 μF
5 V
12 V
2.2 μF
24 V
1.0 μF
Table 1
- Output filtering
An output capacitor is needed to meet output ripple
requirements as shown in Table 2.
Output capacitance may be increased for additional
filtering, but should not exeed 10μF or expanded to
an LC network as in Figure 1.
Vout
External Ouput Capacitance
4.7 μF
5 V
9 V
2.2 μF
12 V
1.0 μF
15 V
0.47 μF
Table 2
<Figure 1>
DC
C
L
L
DC
C
+Vin
-Vin
+Vout
-Vout
REG
DC DC
DC DC
REG
+Vin
-Vin
+Vout
-Vout
+Vin
-Vin
+Vout
-Vout
- Minimum loading
The converter needs a minimum of 10% loading to
maintain output regulation. Operation under no-load
conditions will not cause immediate damages but
may reduce reliability, and cause performance not to
meet specifications.
- Regulation
With a semi-regulated design, the converter ’s output
voltage varies with load current and will change
proportionally to the input voltage. If regulated
output is needed, an external regulator can be used
as shown in Figure 2.
- Protection
The converter has minimal protection against input
over-voltage or output over-load, and may be
permanently damaged if exposed to these conditions.
An input clamping device can be used for input
voltage limiting. An input fuse or an output fuse
can also be used to protect against over-loading.
- Dual outputs used as a single output
The +Vout and -Vout can be used to obtain a single
output that is the sum of the two outputs. In this
case, the COM pin shouldn’t be used.
- External Regulator
An external 3-terminal regulator can be connected
to the output of the converter to achieve full
regulation. Make sure the converter ’s output voltage
provides sufficient head room for the regulator. An
additional benefit is that the built-in protection
features in the regulator, such as OCP, OTP, etc, will
protect the converter also. In a complimentory
supply, a negative output regulator must be used to
achieve the negative regulated output.


Similar Part No. - VHS1-S12-S12-SIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHS1-S12-S12-SIP CUI-VHS1-S12-S12-SIP Datasheet
143Kb / 3P
   Dc-Dc Converter
VHS1-S12-S12-SIP CUI-VHS1-S12-S12-SIP Datasheet
201Kb / 5P
   DC-DC CONVERTER
VHS1-S12-S12-SIP CUI-VHS1-S12-S12-SIP Datasheet
944Kb / 5P
   DC-DC CONVERTER
07/09/2021
More results

Similar Description - VHS1-S12-S12-SIP

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ04W33XMA16 SYNQOR-NQ04W33XMA16 Datasheet
528Kb / 13P
   SIP DC/DC converter
logo
Minmax Technology Co., ...
MA03 MINMAX-MA03_16 Datasheet
551Kb / 4P
   DC/DC CONVERTER 3W, SIP-Package
MAU100 MINMAX-MAU100_16 Datasheet
579Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S DELTA-PB01S Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Murata Power Solutions ...
HPR203 MURATA-PS-HPR203 Datasheet
97Kb / 3P
   HPR203 MINIATURE SIP DC/DC CONVERTER
logo
Minmax Technology Co., ...
MAW01 MINMAX-MAW01_16 Datasheet
577Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PG02S DELTA-PG02S_14 Datasheet
280Kb / 6P
   2W DC/DC CONVERTER, SIP-Package
PG02S DELTA-PG02S Datasheet
332Kb / 5P
   2W DC/DC CONVERTER, SIP-Package
logo
MORNSUN Science& Techno...
E0305KS-1W5 MORNSUN-E0305KS-1W5 Datasheet
166Kb / 2P
   OUTPUT SIP PACKAGE DC-DC CONVERTER
WRD050505S-1W MORNSUN-WRD050505S-1W Datasheet
123Kb / 2P
   TWIN OUTPUT SIP DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com