Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDP-190 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # HDP-190
Description  190W Dual Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HDP-190 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  HDP-190_12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HDP-190_12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AMBIENTTEMPERATURE(
)
-30
0
10
20
30
40
50
60
70
(HORIZONTAL)
MechanicalSpecification
PFCfosc:65KHz
PWMfosc:80KHz
16max.
32.5
150
215
4-M4L=5mm
1
2
3
4
5
6
7
8
9
10
11
15
15.85
SVR1
SVR2
LED
24
32.5
150
97.5
204.5
215
5-M3L=3mm
4-M4L=5mm
O.L.P.
O.V.P.
TerminalPinNo. Assignment:
PinNo.
PinNo.
1
4,5
3
SVR1:V1(+3.8V)ADJ.
SVR2:V2(+2.8V)ADJ.
2
6,7
Assignment
Assignment
AC/L
V2(+2.8V)
FG
AC/N
V1(+3.8V)
COM
8,9,10,11
FileName:HDP-190-SPEC2012-02-29
DeratingCurve
OutputDeratingVSInputVoltage
INPUTVOLTAGE(V)60Hz
90
95
100
115
130
145
165
185
205
225
245
264
100
90
80
70
60
50
40
BlockDiagram
O.L.P.
O.T.P.
EMI
INRUSH
ACTIVE
FILTER
CURRENT
LIMITING
RECTIFIERS
&
PFC
I/P
FG
PWM
PFC
CIRCUIT
DETECTION
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V1
CONTROL
CONTROL
O.V.P.
COM
+V2
H D P - 1 9 0
20
40
50
60
80
100
CaseNo.206A
Unit:mm
190WDualOutputwithPFCFunction
POWER
SWITCHING
CIRCUIT
CONTROL
DETECTION
PWM


Similar Part No. - HDP-190_12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HDP-190 MEANWELL-HDP-190 Datasheet
335Kb / 2P
   190W Dual Output with PFC Function
More results

Similar Description - HDP-190_12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HDP-190 MEANWELL-HDP-190 Datasheet
335Kb / 2P
   190W Dual Output with PFC Function
HDP-240 MEANWELL-HDP-240_12 Datasheet
323Kb / 2P
   240W Dual Output with PFC Function
HDP-240 MEANWELL-HDP-240 Datasheet
324Kb / 2P
   240W Dual Output with PFC Function
PID-250 MEANWELL-PID-250 Datasheet
442Kb / 3P
   250W Isolated Dual Output with PFC Function
PID-250 MEANWELL-PID-250_11 Datasheet
1Mb / 4P
   250W Isolated Dual Output with PFC Function
HRPG-450 MEANWELL-HRPG-450_11 Datasheet
478Kb / 3P
   450W Single Output with PFC Function
ASP-150 MEANWELL-ASP-150_10 Datasheet
282Kb / 2P
   150W Single Output with PFC Function
HRPG-600 MEANWELL-HRPG-600 Datasheet
378Kb / 4P
   600W Single Output with PFC Function
SP-320 MEANWELL-SP-320_11 Datasheet
416Kb / 2P
   320W Single Output with PFC Function
logo
XP Power Limited
PPS-200-5 XPPOWER-PPS-200-5 Datasheet
330Kb / 2P
   200W Single Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com