Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VBT2-S5-S9-SMT Datasheet(PDF) 1 Page - CUI INC

Part # VBT2-S5-S9-SMT
Description  dc-dc converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VBT2-S5-S9-SMT Datasheet(HTML) 1 Page - CUI INC

  VBT2-S5-S9-SMT Datasheet HTML 1Page - CUI INC VBT2-S5-S9-SMT Datasheet HTML 2Page - CUI INC VBT2-S5-S9-SMT Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
rev.
page
date
DESCRIPTION: dc-dc converter
1 of 3
02/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VBT2-SMT series
features
·isolated 2 W output
·temperature range: -40°C~+85°C
·unregulated
·high efficiency to 85%
·single voltage output
·small footprint
·SMD package style
·industry standard pinout
·UL94-V0 package
·no heatsink required
·1K Vdc isolation
·high power density
·no external component required
·low cost
description
Designed to convert fixed volt-
ages into an isolated voltage, the
VBT2-SMT series is well suited for
providing board-mount local sup-
plies in a wide range of applica-
tions, including mixed analog/digi-
tal circuits, test & measurement
equip., process/machine controls,
datacom/telecom fields, etc...
The semi-regulated output can be
followed by 3-terminal regulators
to provide output protection, in
addition to output regulation.
OUTPUT SPECIFICATIONS
item
test conditions
min.
typ.
max.
units
output power
0.2
2
W
line regulation
for Vin change of 1%
±1.2
%
load regulation
10% to 100% full load (5 output)
12.8
15
%
10% to 100% full load (9 output)
8.3
15
%
10% to 100% full load (12 output)
6.8
15
%
10% to 100% full load (15 output)
6.3
15
%
output voltage accuracy
see tolerance envelope graph
temperature drift
@ 100% load
0.03
%/°C
output ripple
20 MHz bandwidth
75
150
mVp-p
switching frequency
full load, nominal input
70
KHz
NOTE:
1. All specifications measured at TA=25°C, humidity <75%, nominal input voltage and rated output load unless
otherwise specified.
model
input voltage
output
output current
number
nominal
range
voltage
max.
min.
efficiency
VBT2-S5-S5-SMT
5 Vdc
4.5~5.5 Vdc
5 Vdc
400 mA
40 mA
80%
VBT2-S5-S9-SMT
5 Vdc
4.5~5.5 Vdc
9 Vdc
222 mA
23 mA
82%
VBT2-S5-S12-SMT
5 Vdc
4.5~5.5 Vdc
12 Vdc
167 mA
17 mA
84%
VBT2-S5-S15-SMT
5 Vdc
4.5~5.5 Vdc
15 Vdc
133 mA
14 mA
84%
VBT2-S12-S5-SMT
12 Vdc
10.8~13.2 Vdc
5 Vdc
400 mA
40 mA
82%
VBT2-S12-S9-SMT
12 Vdc
10.8~13.2 Vdc
9 Vdc
222 mA
23 mA
83%
VBT2-S12-S12-SMT
12 Vdc
10.8~13.2 Vdc
12 Vdc
167 mA
17 mA
85%
VBT2-S12-S15-SMT
12 Vdc
10.8~13.2 Vdc
15 Vdc
133 mA
14 mA
85%


Similar Part No. - VBT2-S5-S9-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBT2-S5-S9-SMT CUI-VBT2-S5-S9-SMT Datasheet
122Kb / 3P
   DC-DC Converter
VBT2-S5-S9-SMT CUI-VBT2-S5-S9-SMT Datasheet
255Kb / 5P
   DC-DC CONVERTER
More results

Similar Description - VBT2-S5-S9-SMT

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com