Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLG-100H-42 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # HLG-100H-42
Description  100W Single Output Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLG-100H-42 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  HLG-100H-42 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLG-100H-42 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLG-100H-42 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLG-100H-42 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLG-100H-42 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HLG-100H-42 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DeratingCurve
StaticCharacteristics
AMBIENTTEMPERATURE( )
-40
-25
-10
0
15
30
50
60
70
20
40
60
80
100
INPUTVOLTAGE(V)60Hz
90
100
125
135
145
155 165
175
180
200
230
305
100
90
80
70
60
50
40
(HORIZONTAL)
DIM+
(B Type)
DIM-
Fosc:100KHz
DETECTION
CIRCUIT
EMIFILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
O.V.P.
&
O.L.P.
PFC
CIRCUIT
BlockDiagram
PFC
CONTROL
O.L.P.
O.T.P.
PWM
DType(option):(HLG-100H-_D)
300 20
FG(Green/Yellow)
SJTW14AWG 2C
SJTW18AWG 3C
220
196
AC/L(Brown)
AC/N(Blue)
12
9.6
4.2 4PL
300 20
+V(Red)
-V(Black)
98
T case
T case:Max.Case Temperature.
IP67rated. Timerdimmingfunction,contactMEANWELL fordetails.
100WSingleOutputSwitchingPowerSupply
H L G - 1 0 0 H series
FileName:HLG-100H-SPEC 2012-03-01


Similar Part No. - HLG-100H-42

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-100H-42 MEANWELL-HLG-100H-42 Datasheet
315Kb / 6P
   100W Single Output Switching Power Supply
HLG-100H-42 MEANWELL-HLG-100H-42 Datasheet
317Kb / 6P
   100W Single Output Switching Power Supply
HLG-100H-42 MEANWELL-HLG-100H-42 Datasheet
326Kb / 6P
   100W Single Output Switching Power Supply
More results

Similar Description - HLG-100H-42

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLN-100 MEANWELL-PLN-100 Datasheet
193Kb / 2P
   100W Single Output Switching Power Supply
HLG-100H MEANWELL-HLG-100H Datasheet
315Kb / 6P
   100W Single Output Switching Power Supply
HLG-100_1107 MEANWELL-HLG-100_1107 Datasheet
323Kb / 6P
   100W Single Output Switching Power Supply
NES-100 MEANWELL-NES-100_10 Datasheet
386Kb / 2P
   100W Single Output Switching Power Supply
HLG-100 MEANWELL-HLG-100 Datasheet
317Kb / 6P
   100W Single Output Switching Power Supply
LPV-100 MEANWELL-LPV-100 Datasheet
353Kb / 2P
   100W Single Output Switching Power Supply
LPV-100_1107 MEANWELL-LPV-100_1107 Datasheet
1Mb / 2P
   100W Single Output Switching Power Supply
PLC-100 MEANWELL-PLC-100_12 Datasheet
225Kb / 3P
   100W Single Output Switching Power Supply
logo
XP Power Limited
CLG-100-12 XPPOWER-CLG-100-12 Datasheet
198Kb / 2P
   100W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-100 MEANWELL-S-100 Datasheet
410Kb / 2P
   100W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-100 RSG-RS-100 Datasheet
161Kb / 2P
   100W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com