Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLG-240-30 Datasheet(PDF) 6 Page - Mean Well Enterprises Co., Ltd.

Part # HLG-240-30
Description  240W Single Output Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLG-240-30 Datasheet(HTML) 6 Page - Mean Well Enterprises Co., Ltd.

  HLG-240-30 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLG-240-30 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLG-240-30 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLG-240-30 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLG-240-30 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HLG-240-30 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Waterproofconnector
WaterproofconnectorcanbeassembledontheoutputcableofHLG-240tooperateindry/wet/damporoutdoorenvironment.
HLG-240
I/P
O/P
LEDLamp
AC
source
CableJoiner
JunctionBox(Option)
PinConfiguration(Female)
PinConfiguration(Female)
Size
Size
M12
M15
4-PIN
5A/PIN
M12-04
OrderNo.
OrderNo.
10A max.
SuitableCurrent
SuitableCurrent
5-PIN
5A/PIN
M12-05
10A max.
2-PIN
12A/PIN
M15-02
12A max.
Uptofourwirescanbeconnectedthroughthiscablejoinerby
solderingorclampingbytools.
66
26
20
CJ04-2suitablefor18AWG~22AWG
CJ04-1suitablefor14AWG~16AWG
O/P Wires
LEDLamp
HLG-240
WATERPROOFCONNECTION
CJ04cablejoinercanbepurchasedindependentlyforuser'sownassembly.
Optionaljunctionboxavailablefor
,pleasecontactMEAWWELL fordetails.
A /Blank-type
MEANWELL orderNo.:CJ04-1,CJ04-2.
150 20
3-PF1/2"
86
76
5
10
2-
5
220.2
382.2
150 20
3-PF1/2"
SJTW14AWG 2C
SJTW18AWG 3C
FG(Green/Yellow)
AC/L(Brown)
AC/N(Blue)
+V(Red)
-V(Black)
240WSingleOutputSwitchingPowerSupply
H L G - 2 4 0 series
FileName:HLG-240-SPEC 2012-02-21


Similar Part No. - HLG-240-30

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-240-30 MEANWELL-HLG-240-30 Datasheet
334Kb / 6P
   240W Single Output Switching Power Supply
HLG-240-30 MEANWELL-HLG-240-30 Datasheet
342Kb / 6P
   240W Single Output Switching Power Supply
HLG-240-30A MEANWELL-HLG-240-30A Datasheet
334Kb / 6P
   240W Single Output Switching Power Supply
HLG-240-30B MEANWELL-HLG-240-30B Datasheet
334Kb / 6P
   240W Single Output Switching Power Supply
HLG-240-30C MEANWELL-HLG-240-30C Datasheet
334Kb / 6P
   240W Single Output Switching Power Supply
More results

Similar Description - HLG-240-30

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-240 MEANWELL-HLG-240 Datasheet
334Kb / 6P
   240W Single Output Switching Power Supply
logo
Astrodyne Corporation
S-240 ASTRODYNE-S-240 Datasheet
330Kb / 2P
   240W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
HLG-240 MEANWELL-HLG-240_11 Datasheet
342Kb / 6P
   240W Single Output Switching Power Supply
HLG-240H MEANWELL-HLG-240H_12 Datasheet
376Kb / 6P
   240W Single Output Switching Power Supply
S-240 MEANWELL-S-240 Datasheet
314Kb / 2P
   240W Single Output Switching Power Supply
HLG-240H MEANWELL-HLG-240H Datasheet
486Kb / 6P
   240W Single Output Switching Power Supply
HEP-240 MEANWELL-HEP-240 Datasheet
85Kb / 4P
   240W Single Output Switching Power Supply
HLG-240H MEANWELL-HLG-240H_11 Datasheet
343Kb / 6P
   240W Single Output Switching Power Supply
HBG-240 MEANWELL-HBG-240 Datasheet
3Mb / 4P
   240W Output Switching Power Supply
HVGC-240 MEANWELL-HVGC-240 Datasheet
129Kb / 6P
   240W Single Output LED Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com