Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLG-320H-20 Datasheet(PDF) 6 Page - Mean Well Enterprises Co., Ltd.

Part # HLG-320H-20
Description  320W Single Output Switching Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLG-320H-20 Datasheet(HTML) 6 Page - Mean Well Enterprises Co., Ltd.

  HLG-320H-20 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLG-320H-20 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLG-320H-20 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLG-320H-20 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLG-320H-20 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HLG-320H-20 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. HLG-320H-20 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DimmingconnectiondiagramforturningthelightingfixtureON/OFF:
UsingaswitchandrelaycanturnON/OFFthelightingfixture.
Usingthebuilt-indimmingfunctiononB-typemodelcan'tturnthelightingfixturetotallydark.Pleaserefertotheconnectionmethodbelowto
achieve0%brightnessofthelightingfixtureconnectingtotheLEDpowersupplyunit.
1.Outputconstantcurrentlevelcanbeadjustedthroughoutputcablebyconnectinga
or1~10Vdcor10VPWMsignalbetweenDIM+andDIM-.
resistance
2.TheLEDlightingfixturecanbeturnedON/OFFbytheswitch.
HLG-320H
DIMMINGOPERATION
Referenceresistancevalueforoutputcurrentadjustment(Typical)
Built-in3in1dimmingfunction,IP67rated.Outputconstantcurrentlevelcanbeadjustedthroughoutputcablebyconnectingaresistanceor
1~10Vdcor10VPWMsignalbetweenDIM+andDIM-.
PleaseDONOT connect"DIM-"to"-V".
N
FG
L
Relay
Blue
Brown
Green/
Yellow
AC/L
AC/N
HLG-320H
B Type
DIM+
DIM-
V(-)
V(+)
Blue
White
Black
Red
Switch
Adjuster
0~100KOhmsresistance
1~10VDCVoltage
10VPWMSignal
LEDLighting Fixture
60K
60%
60%
10K
10K
/N 20K
/N 30K
/N 40K
/N 50K
/N 60K
/N 70K
/N 80K
/N 90K
/N 100K /N
Singledriver
Multipledrivers
(N=driverquantityforsynchronized
dimmingoperation)
1V
4V
7V
2V
5V
8V
3V
6V
9V
10V
10%
10%
20K
20%
20%
30K
30%
30%
40K
40%
40%
50K
50%
50%
70K
70%
70%
80K
80%
80%
90K
100K
OPEN
OPEN
OPEN
90%
90%
100%
100%
Resistance
value
Dimmingvalue
Percentageofratedcurrent
Percentageofratedcurrent
1~10Vdimmingfunctionforoutputcurrentadjustment (Typical)
60%
60%
10%
10%
20%
20%
30%
30%
40%
40%
50%
50%
70%
70%
80%
80%
90%
90%
100%
100%
Dutyvalue
Percentageofratedcurrent
98%~108%
-----
98%~108%
98%~108%
10VPWMsignalforoutputcurrentadjustment (Typical):Frequencyrange:100HZ~3KHz
FG(Green/Yellow)
AC/L(Brown)
AC/N(Blue)
-V(Black)
+V(Red)
DIM-(White)
DIM+(Blue)
320WSingleOutputSwitchingPowerSupply
H L G - 3 2 0 H series
FileName:HLG-320H-SPEC 2012-04-02


Similar Part No. - HLG-320H-20

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-320H-20 MEANWELL-HLG-320H-20 Datasheet
461Kb / 7P
   320W Single Output Switching Power Supply
HLG-320H-20 MEANWELL-HLG-320H-20 Datasheet
390Kb / 7P
   320W Single Output Switching Power Supply
HLG-320H-20 MEANWELL-HLG-320H-20 Datasheet
394Kb / 7P
   320W Single Output Switching Power Supply
More results

Similar Description - HLG-320H-20

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
S-320 MEANWELL-S-320 Datasheet
243Kb / 2P
   320W Single Output Switching Power Supply
HLG-320H MEANWELL-HLG-320H Datasheet
461Kb / 7P
   320W Single Output Switching Power Supply
HEP-320 MEANWELL-HEP-320 Datasheet
94Kb / 4P
   320W Single Output Switching Power Supply
HLG-320H_1109 MEANWELL-HLG-320H_1109 Datasheet
390Kb / 7P
   320W Single Output Switching Power Supply
HLG-320H_1111 MEANWELL-HLG-320H_1111 Datasheet
394Kb / 7P
   320W Single Output Switching Power Supply
logo
Astrodyne Corporation
AS-320 ASTRODYNE-AS-320 Datasheet
322Kb / 2P
   320W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
HVGC-320 MEANWELL-HVGC-320 Datasheet
132Kb / 6P
   320W Single Output LED Power Supply
logo
CUI INC
VSBU-120 CUI-VSBU-120 Datasheet
212Kb / 3P
   Single Output Switching Power Supply
VSBU-150 CUI-VSBU-150 Datasheet
194Kb / 3P
   single output switching power supply
logo
Phihong USA Inc.
PSA-50U-120 PHIHONG-PSA-50U-120 Datasheet
199Kb / 2P
   Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com