Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLN-80H-20 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # HLN-80H-20
Description  80W Single Output Switching Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLN-80H-20 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  HLN-80H-20 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLN-80H-20 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLN-80H-20 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLN-80H-20 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLN-80H-20 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3.75KVACI/P-FG:1.88KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
CONSTANTCURRENTREGION Note.4
HLN-80H-12 A
B : IP64 rated. Constant current level adjustable through output cable with 1~10Vdc or 10V PWM signal or resistance.
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE Note.6
CURRENT ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
Note.8
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.5
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT(
.)
Typ
LEAKAGECURRENT
SAFETY STANDARDS Note.7
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERCURRENT
Note.4
OVERVOLTAGE
OVERTEMPERATURE
Canbeadjusted byinternalpotentiometerorthroughoutputcable
16ms atfullload230VAC/115VAC
90~305VAC127~431VDC
47~63Hz
COLDSTART 70A/230VAC
<0.75mA /277VAC
95~108%
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Complianceto EN55015,EN61000-3-2ClassC(
60%load,12Vmodel
65%load);EN61000-3-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN61547,EN55024,lightindustrylevel(surge4KV),criteria A
20~95%RH non-condensing
-40~+80
,10~95%RH
0.03%/
(0~40
)
10~500Hz,2G12min./1cycle,periodfor72min.eachalongX, Y,Zaxes
356.4Khrsmin.MIL-HDBK-217F(25
)
181*61.5*35mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Constant current operation region is within 60% ~100% rated output voltage. This is the suitable operation region for LED related applications, but please
reconfirm special electrical requirements for some specific system design.
5. Derating may be needed under low input voltages. Please check the static characteristics for more details.
6. Type A only.
7. Safety and EMC design refer to EN60598-1, CNS15233, GB7000.1, FCC part18.
8. Length of set up time is measured at cold first start. Turning ON/OFF the power supply may lead to increase of the set up time.
9. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
0.5Kg;24pcs/13Kg/0.75CUFT
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
80WSingleOutputSwitchingPowerSupply
Universal AC input / Full range (up to 305VAC)
Built-in active PFC function
Protections: Short circuit / Over current / Over voltage / Over temperature
Cooling by free air convection
OCP point adjustable through output cable or internal potentiometer
IP64 design for indoor or outdoor installations
Three in one dimming function (1~10Vdc or PWM signal or resistance)
Suitable for LED lighting and moving sign applications
Compliance to worldwide safety regulations for lighting
3 years warranty
Suitable for dry / damp locations or outdoor application
Class 2 power unit
Features :
H L N - 8 0 H series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
100
10
(RTH2)
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
SELV
IP64
A : IP64 rated. Output voltage and constant current level can be adjusted through internal potentiometer.
14~17V
18~24V
23~30V
28~35V
35~43V
41~49V
54~63V
48~58V
59~68V
88%
89%
90%
90.5%
91%
91%
91%
91%
91%
2.5%
2.0%
1.0%
1.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
2.0%
1.5%
1.0%
0.5%
0.5%
0.5%
0.5%
1.0%
0.5%
0.5%
1.0%
0.5%
0.5%
12V
HLN-80H-12
HLN-80H-30
HLN-80H-15
HLN-80H-36
HLN-80H-20
HLN-80H-42
HLN-80H-24
HLN-80H-48
HLN-80H-54
15V
20V
24V
30V
36V
48V
5A
5A
4A
3.4A
2.7A
2.3A
1.7A
60W
75W
80W
81.6W
81W
82.8W
81.6W
150mVp-p
150mVp-p
13.5~17V
150mVp-p
17~22V
150mVp-p
22~27V
200mVp-p
27~33V
200mVp-p
33~40V
200mVp-p
43~53V
10.8~13.5V
54V
1.5A
81W
200mVp-p
49~58V
42V
1.95A
81.9W
200mVp-p
38~46V
F
M
M
110
PF>0.96/115VAC,PF>0.96/230VAC,PF>0.94/277VACatfullload(Pleasereferto"PowerFactorCharacteristic"curve)
0.85A /115VAC0.425A /230VAC0.4A /277VAC
UL8750,CSA C22.2No.250.0-08(exceptfor48V,54V),EN61347-1,EN61347-2-13independent;IP64,J61347-1,
J61347-2-13approved;DesignrefertoUL60950-1, TUVEN60950-1
3~5A
3~5A
2.4~4A
2.04~3.4A
1.62~2.7A
1.38~2.3A
1.02~1.7A
0.9~1.5A
1.17~1.95A
7.2~12V
9~15V
12~20V
14.4~24V
18~30V
21.6~36V
28.8~48V
32.4~54V
25.2~42V
2000ms,80ms/115VAC
000ms,80ms/230VACatfullload;Btype2000ms,200msat95%load230VAC/115VAC
atfullload1
-40~+50
(Referto"DeratingCurve")
EMCIMMUNITY
EMCEMISSION
( except for 48V,54V )
( for 48V,54V only)
SHORTCIRCUIT
Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
FileName:HLN-80H-SPEC2012-02-21


Similar Part No. - HLN-80H-20

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLN-80H-20 MEANWELL-HLN-80H-20 Datasheet
266Kb / 5P
   80W Single Output Switching Power Supply
HLN-80H-20 MEANWELL-HLN-80H-20 Datasheet
267Kb / 5P
   80W Single Output Switching Power Supply
More results

Similar Description - HLN-80H-20

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLP-80H MEANWELL-HLP-80H_12 Datasheet
355Kb / 4P
   80W Single Output Switching Power Supply
HLG-80H MEANWELL-HLG-80H_12 Datasheet
392Kb / 6P
   80W Single Output Switching Power Supply
logo
List of Unclassifed Man...
HLG-80H-24A ETC2-HLG-80H-24A Datasheet
183Kb / 7P
   80W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
HLP-80H MEANWELL-HLP-80H Datasheet
363Kb / 4P
   80W Single Output Switching Power Supply
HLN-80H MEANWELL-HLN-80H Datasheet
266Kb / 5P
   80W Single Output Switching Power Supply
HLN-80H MEANWELL-HLN-80H_12 Datasheet
267Kb / 5P
   80W Single Output Switching Power Supply
HLG-80H MEANWELL-HLG-80H Datasheet
391Kb / 6P
   80W Single Output Switching Power Supply
logo
Extech Instruments Corp...
382260 EXTECH-382260_15 Datasheet
207Kb / 1P
   80W Switching Mode DC Power Supply
logo
CUI INC
VSBU-120 CUI-VSBU-120 Datasheet
212Kb / 3P
   Single Output Switching Power Supply
VSBU-150 CUI-VSBU-150 Datasheet
194Kb / 3P
   single output switching power supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com