Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLP-80H-20 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # HLP-80H-20
Description  80W Single Output Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLP-80H-20 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  HLP-80H-20 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLP-80H-20 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLP-80H-20 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLP-80H-20 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
80WSingleOutputSwitchingPowerSupply
H L P - 8 0 H series
FileName:HLP-80H-SPEC 2012-03-01
DIMMINGOPERATION
60K
60%
60%
10K
10K
/N 20K
/N 30K
/N 40K
/N 50K
/N 60K
/N 70K
/N 80K
/N 90K
/N 100K /N
Singledriver
Multipledrivers
(N=driverquantityforsynchronized
dimmingoperation)
1V
4V
7V
2V
5V
8V
3V
6V
9V
10V
10%
10%
20K
20%
20%
30K
30%
30%
40K
40%
40%
50K
50%
50%
70K
70%
70%
80K
80%
80%
90K
100K
OPEN
OPEN
OPEN
90%
90%
100%
100%
Resistance
value
Dimmingvalue
Percentageofratedcurrent
Percentageofratedcurrent
Referenceresistancevalueforoutputcurrentadjustment(Typical)
PleaseDONOT connect "DIM-"to"-V".
1~10Vdimmingfunctionforoutputcurrentadjustment (Typical)
60%
60%
10%
10%
20%
20%
30%
30%
40%
40%
50%
50%
70%
70%
80%
80%
90%
90%
100%
100%
Dutyvalue
Percentageofratedcurrent
102%~108%
-----
102%~108%
102%~108%
10VPWMsignalforoutputcurrentadjustment (Typical):Frequencyrange:100HZ~3KHz
Built-in3in1dimmingfunction,outputconstantcurrentlevelcanbeadjustedthroughoutputconnectorby1~10VDC,PWMsignal,orconnecting
aresistancebetweenDIM+andDIM-.
N
FG
L
Relay
Blue
Brown
Green/
Yellow
AC/L
AC/N
HLP-80H
DIM+
DIM-
V(-)
V(+)
Blue
White
Black
Red
Switch
Adjuster
0~100KOhmsresistance
1~10VDCVoltage
10VPWMSignal
DimmingconnectiondiagramforturningthelightingfixtureON/OFF:
Usingthebuilt-indimmingfunctioncan'tturnthelightingfixturetotallydark.Pleaserefertotheconnectionmethodbelowtoachieve0%brightness
ofthelightingfixtureconnectingtotheLEDpowersupplyunit.
LEDLighting Fixture
-V
+V
+V
DIM-
DIM+
-V
AC/N
AC/L
FG
UsingaswitchandrelaycanturnON/OFFthelightingfixture.
1.Outputconstantcurrentlevelcanbeadjustedthroughoutputcablebyconnectinga
or1~10Vdcor10VPWMsignalbetweenDIM+andDIM-.
resistance
2.TheLEDlightingfixturecanbeturnedON/OFFbytheswitch.


Similar Part No. - HLP-80H-20

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLP-80H-20 MEANWELL-HLP-80H-20 Datasheet
363Kb / 4P
   80W Single Output Switching Power Supply
More results

Similar Description - HLP-80H-20

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-80H MEANWELL-HLG-80H_12 Datasheet
392Kb / 6P
   80W Single Output Switching Power Supply
logo
List of Unclassifed Man...
HLG-80H-24A ETC2-HLG-80H-24A Datasheet
183Kb / 7P
   80W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
HLN-80H MEANWELL-HLN-80H_12 Datasheet
267Kb / 5P
   80W Single Output Switching Power Supply
HLP-80H MEANWELL-HLP-80H Datasheet
363Kb / 4P
   80W Single Output Switching Power Supply
HLN-80H MEANWELL-HLN-80H Datasheet
266Kb / 5P
   80W Single Output Switching Power Supply
HLN-80H MEANWELL-HLN-80H_12 Datasheet
267Kb / 5P
   80W Single Output Switching Power Supply
HLG-80H MEANWELL-HLG-80H Datasheet
391Kb / 6P
   80W Single Output Switching Power Supply
logo
Extech Instruments Corp...
382260 EXTECH-382260_15 Datasheet
207Kb / 1P
   80W Switching Mode DC Power Supply
logo
CUI INC
VSBU-120 CUI-VSBU-120 Datasheet
212Kb / 3P
   Single Output Switching Power Supply
VSBU-150 CUI-VSBU-150 Datasheet
194Kb / 3P
   single output switching power supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com