Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67040-S4005-A2 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # Q67040-S4005-A2
Description  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67040-S4005-A2 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  Q67040-S4005-A2 Datasheet HTML 1Page - Siemens Semiconductor Group Q67040-S4005-A2 Datasheet HTML 2Page - Siemens Semiconductor Group Q67040-S4005-A2 Datasheet HTML 3Page - Siemens Semiconductor Group Q67040-S4005-A2 Datasheet HTML 4Page - Siemens Semiconductor Group Q67040-S4005-A2 Datasheet HTML 5Page - Siemens Semiconductor Group Q67040-S4005-A2 Datasheet HTML 6Page - Siemens Semiconductor Group Q67040-S4005-A2 Datasheet HTML 7Page - Siemens Semiconductor Group Q67040-S4005-A2 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Semiconductor Group
1
28/Jan/1998
BUZ 110 S
SPP80N05
SIPMOS ® Power Transistor
• N channel
• Enhancement mode
• Avalanche-rated
• dv/dt rated
• 175°C operating temperature
• also in SMD available
Pin 1
Pin 2
Pin 3
G
D
S
Type
VDS
ID
RDS(on)
Package
Ordering Code
BUZ 110 S
55 V
80 A
0.012
TO-220 AB
Q67040-S4005-A2
Maximum Ratings
Parameter
Symbol
Values
Unit
Continuous drain current
TC = 25 °C
TC = 100 °C
ID
66
80
A
Pulsed drain current
TC = 25 °C
IDpuls
320
Avalanche energy, single pulse
ID = 80 A, VDD = 25 V, RGS = 25
L
= 144 µH, Tj = 25 °C
EAS
460
mJ
Avalanche current,limited by Tjmax
IAR
80
A
Avalanche energy,periodic limited by Tjmax
EAR
20
mJ
Reverse diode dv/dt
IS = 80 A, VDS = 40 V, diF/dt = 200 A/µs
Tjmax = 175 °C
dv/dt
6
kV/µs
Gate source voltage
VGS
± 20
V
Power dissipation
TC = 25 °C
Ptot
200
W


Similar Part No. - Q67040-S4005-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67040-S4000-A2 SIEMENS-Q67040-S4000-A2 Datasheet
123Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
Q67040-S4001-A2 SIEMENS-Q67040-S4001-A2 Datasheet
126Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
Q67040-S4003-A2 SIEMENS-Q67040-S4003-A2 Datasheet
121Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
Q67040-S4003-A2 SIEMENS-Q67040-S4003-A2 Datasheet
120Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
logo
Infineon Technologies A...
Q67040-S4003-A2 INFINEON-Q67040-S4003-A2 Datasheet
110Kb / 8P
   SIPMOS Power Transistor
05.99
More results

Similar Description - Q67040-S4005-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ100S SIEMENS-BUZ100S Datasheet
126Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BUZ102S SIEMENS-BUZ102S Datasheet
123Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BUZ111S SIEMENS-BUZ111S Datasheet
121Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BSP170P SIEMENS-BSP170P Datasheet
152Kb / 9P
   SIPMOS Power Transistor (P-Channel Enhancement mode Avalanche rated dv/dt rated)
BUZ111SL SIEMENS-BUZ111SL Datasheet
120Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
BUZ110SL SIEMENS-BUZ110SL Datasheet
121Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
BUZ102SL SIEMENS-BUZ102SL Datasheet
120Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
BUZ103SL SIEMENS-BUZ103SL Datasheet
119Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
BUZ104S SIEMENS-BUZ104S Datasheet
128Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated 175째C operating temperature)
BUZ103S SIEMENS-BUZ103S Datasheet
121Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated 175째C operating temperature)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com