Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPF-90-48 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # LPF-90-48
Description  90W Single Output Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LPF-90-48 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  LPF-90-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LPF-90-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LPF-90-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
85
86
87
88
89
90
91
92
93
10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
277VAC
230VAC
115VAC
0 . 9 5
0 . 9 6
0 . 9 7
0 . 9 8
0 . 9 9
1
5 0 %
6 0 %
7 0 %
8 0 %
9 0 %
1 0 0 %
2 7 7 V A C
2 3 0 V A C
1 1 5 V A C
LOAD
ConstantCurrentMode
LPF-90seriespossesssuperiorworkingefficiencythatupto91%canbereachedinfieldapplications.
LOAD
EFFICIENCY vsLOAD(48VModel)
TherearetwomajorkindsofLEDdrivemethod"directdrive"and"withLEDdriver".
TypicalLEDpowersupplyI-Vcurve
A typicalLEDpowersupplymayeitherworkin"constantvoltagemode(CV)orconstantcurrentmode(CC)"todrivetheLEDs.
Mean Well's LED power supply with CV+ CC characteristic can be operated at both CV mode (with LED driver, at area (A) and CC mode (direct drive, at area (B).
DRIVINGMETHODSOFLEDMODULE
100
60
50
95
(max.)
Io (%)
Constant
Voltage area
Constant
Current area
Hiccup
Protection
(A)
(B)
(C)
PowerFactorCharacteristic
(90W)
90WSingleOutputSwitchingPowerSupply
L P F - 9 0 series
FileName:LPF-90-SPEC2011-12-27


Similar Part No. - LPF-90-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPF-90-48 MEANWELL-LPF-90-48 Datasheet
210Kb / 3P
   90W Single Output Switching Power Supply
LPF-90-48 MEANWELL-LPF-90-48 Datasheet
210Kb / 3P
   90W Single Output Switching Power Supply
More results

Similar Description - LPF-90-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPF-90D_1108 MEANWELL-LPF-90D_1108 Datasheet
250Kb / 4P
   90W Single Output Switching Power Supply
NPF-90 MEANWELL-NPF-90 Datasheet
89Kb / 5P
   90W Single Output Switching Power Supply
LPF-90_1108 MEANWELL-LPF-90_1108 Datasheet
210Kb / 3P
   90W Single Output Switching Power Supply
LPF-90D MEANWELL-LPF-90D Datasheet
255Kb / 4P
   90W Single Output Switching Power Supply
LPF-90D_1112 MEANWELL-LPF-90D_1112 Datasheet
206Kb / 4P
   90W Single Output Switching Power Supply
LPF-90 MEANWELL-LPF-90 Datasheet
210Kb / 3P
   90W Single Output Switching Power Supply
NPF-90D MEANWELL-NPF-90D Datasheet
104Kb / 6P
   90W Single Output Switching Power Supply
HLG-80H-C MEANWELL-HLG-80H-C Datasheet
221Kb / 6P
   90W Single Output LED Power Supply
PWM-90 MEANWELL-PWM-90 Datasheet
110Kb / 6P
   90W PWM output LED power supply
logo
SL Power Electronics
TE90 SLPOWER-TE90 Datasheet
872Kb / 5P
   90W Single Output External Power
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com