Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPF-90D-36 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # LPF-90D-36
Description  90W Single Output Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LPF-90D-36 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  LPF-90D-36 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LPF-90D-36 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LPF-90D-36 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LPF-90D-36 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MechanicalSpecification
DETECTION
PWM&PFC
CIRCUIT
O.L.P.
O.T.P.
EMIFILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
CONTROL
O.V.P.
&
O.L.P.
PFC
CIRCUIT
fosc:100KHz
+V(Red)
DIM+(Blue)
-V(Black)
DIM-(White)
DIM+
DIM-
T case:Max.Case Temperature.
T case
91
BlockDiagram
AMBIENTTEMPERATURE( )
230VAC
Inputonly
-40
-25
0
-10
15
30
50
60
70
20
40
50
60
80
100
(HORIZONTAL)
DeratingCurve
StaticCharacteristics
INPUTVOLTAGE(V)60Hz
90
100
125
135
145
155 165
175
180
200
230
305
100
90
80
70
60
50
40
90WSingleOutputSwitchingPowerSupply
L P F - 9 0 D series
FileName:LPF-90D-SPEC2011-12-27
300 20
300 20
SJTW18AWG 2C
UL246418AWG 4C
AC/L(Brown)
AC/N(Blue)
161
4.5
4.
5
4
4
CaseNo.LPF-90A
Unit:mm


Similar Part No. - LPF-90D-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPF-90D-36 MEANWELL-LPF-90D-36 Datasheet
255Kb / 4P
   90W Single Output Switching Power Supply
LPF-90D-36 MEANWELL-LPF-90D-36 Datasheet
250Kb / 4P
   90W Single Output Switching Power Supply
More results

Similar Description - LPF-90D-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPF-90D_1108 MEANWELL-LPF-90D_1108 Datasheet
250Kb / 4P
   90W Single Output Switching Power Supply
NPF-90 MEANWELL-NPF-90 Datasheet
89Kb / 5P
   90W Single Output Switching Power Supply
LPF-90_1108 MEANWELL-LPF-90_1108 Datasheet
210Kb / 3P
   90W Single Output Switching Power Supply
LPF-90D MEANWELL-LPF-90D Datasheet
255Kb / 4P
   90W Single Output Switching Power Supply
LPF-90_1112 MEANWELL-LPF-90_1112 Datasheet
164Kb / 3P
   90W Single Output Switching Power Supply
LPF-90 MEANWELL-LPF-90 Datasheet
210Kb / 3P
   90W Single Output Switching Power Supply
NPF-90D MEANWELL-NPF-90D Datasheet
104Kb / 6P
   90W Single Output Switching Power Supply
HLG-80H-C MEANWELL-HLG-80H-C Datasheet
221Kb / 6P
   90W Single Output LED Power Supply
PWM-90 MEANWELL-PWM-90 Datasheet
110Kb / 6P
   90W PWM output LED power supply
logo
SL Power Electronics
TE90 SLPOWER-TE90 Datasheet
872Kb / 5P
   90W Single Output External Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com