Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUZ104L Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BUZ104L
Description  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated Low on-resistance)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ104L Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BUZ104L Datasheet HTML 1Page - Siemens Semiconductor Group BUZ104L Datasheet HTML 2Page - Siemens Semiconductor Group BUZ104L Datasheet HTML 3Page - Siemens Semiconductor Group BUZ104L Datasheet HTML 4Page - Siemens Semiconductor Group BUZ104L Datasheet HTML 5Page - Siemens Semiconductor Group BUZ104L Datasheet HTML 6Page - Siemens Semiconductor Group BUZ104L Datasheet HTML 7Page - Siemens Semiconductor Group BUZ104L Datasheet HTML 8Page - Siemens Semiconductor Group BUZ104L Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Semiconductor Group
2
07/96
BUZ 104L
Maximum Ratings
Parameter
Symbol
Values
Unit
Operating temperature
Tj
-55 ... + 175
°C
Storage temperature
Tstg
-55 ... + 175
Thermal resistance, chip case
RthJC
≤ 2.5
K/W
Thermal resistance, chip to ambient
RthJA
≤ 75
DIN humidity category, DIN 40 040
E
IEC climatic category, DIN IEC 68-1
55 / 175 / 56
Electrical Characteristics, at
Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Drain- source breakdown voltage
VGS = 0 V, ID = 0.25 mA, Tj = -40 °C
V(BR)DSS
50
-
-
V
Gate threshold voltage
VGS=VDS, ID = 1 mA
VGS(th)
1.2
1.6
2
Zero gate voltage drain current
VDS = 50 V, VGS = 0 V, Tj = 25 °C
VDS = 50 V, VGS = 0 V, Tj = -40 °C
VDS = 50 V, VGS = 0 V, Tj = 150 °C
IDSS
-
-
-
10
1
0.1
100
100
1
µA
nA
µA
Gate-source leakage current
VGS = 20 V, VDS = 0 V
IGSS
-
10
100
nA
Drain-Source on-resistance
VGS = 5 V, ID = 8.5 A
RDS(on)
-
0.085
0.1


Similar Part No. - BUZ104L

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ104 SIEMENS-BUZ104 Datasheet
208Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Low on-resistance)
logo
Inchange Semiconductor ...
BUZ104 ISC-BUZ104 Datasheet
65Kb / 2P
   Ultra low on-resistance
logo
Siemens Semiconductor G...
BUZ104S SIEMENS-BUZ104S Datasheet
128Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated 175째C operating temperature)
BUZ104SL SIEMENS-BUZ104SL Datasheet
126Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated 175째C operating temperature)
BUZ104SL-4 SIEMENS-BUZ104SL-4 Datasheet
90Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
More results

Similar Description - BUZ104L

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ104 SIEMENS-BUZ104 Datasheet
208Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Low on-resistance)
BUZ101 SIEMENS-BUZ101 Datasheet
185Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Low on-resistance)
BUZ103 SIEMENS-BUZ103 Datasheet
186Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Low on-resistance)
BUZ103AL SIEMENS-BUZ103AL Datasheet
185Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated)
BUZ102AL SIEMENS-BUZ102AL Datasheet
182Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated)
BUZ342 SIEMENS-BUZ342 Datasheet
214Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Ultra low on-resistance)
BUZ101SL-4 SIEMENS-BUZ101SL-4 Datasheet
90Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
BUZ100SL-4 SIEMENS-BUZ100SL-4 Datasheet
89Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
BUZ102SL-4 SIEMENS-BUZ102SL-4 Datasheet
90Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
BUZ103SL-4 SIEMENS-BUZ103SL-4 Datasheet
107Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com