Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLC01-6 Datasheet(PDF) 6 Page - Protek Devices

Part # PLC01-6
Description  HIGH POWERED MULTI-LINE LOW CAPACITANCE TVS ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLC01-6 Datasheet(HTML) 6 Page - Protek Devices

  PLC01-6_11 Datasheet HTML 1Page - Protek Devices PLC01-6_11 Datasheet HTML 2Page - Protek Devices PLC01-6_11 Datasheet HTML 3Page - Protek Devices PLC01-6_11 Datasheet HTML 4Page - Protek Devices PLC01-6_11 Datasheet HTML 5Page - Protek Devices PLC01-6_11 Datasheet HTML 6Page - Protek Devices PLC01-6_11 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05071.R8 1/11
Page 6
PLC01-6
TaPe aNd ReeL
oRdeRiNg iNFoRMaTioN
BaSe PaRT NUMBeR
LeadFRee SUFFiX
TaPe SUFFiX
QTY/ReeL
ReeL SiZe
TUBe QTY
PLC01-6
-LF
-T13
1,000
13”
37
SPeCiFiCaTioNS
ReeL dia.
TaPe
widTh
a0
B0
k0
d
e
F
w
P0
P2
P
tmax
330mm (13”)
16mm 10.80 ± 0.10 10.70 ± 0.10 3.30 ± 0.10 1.50 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 16.00 ± 0.30 4.00 ± 0.12 2.00 ± 0.10 4.00 ± 0.10 0.25
NoTeS
1. Dimensions are in millimeters.
2. Surface mount product is taped and reeled in accordance with EIA-481.
3. Suffix - T13 = 13” Reel - 1,000 pieces per 16mm tape.
4. Bulk product shipped in tubes of 37 pieces per tube.
5. Marking on Part - part number, date code, logo and pin one defined by dot on top of package.
Package outline per document number 06008.R2 10/09
User Direction of Feed
t
K0
A0
P
D
P0
P2
E
B0
F
W
10 Pitches Cumulative
Tolerance on tape ± 0.2
Pin 1


Similar Part No. - PLC01-6_11

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLC01-6 PROTEC-PLC01-6_12 Datasheet
641Kb / 7P
   HIGH POWERED MULTI-LINE CAPACITANCE TVS ARRAY
More results

Similar Description - PLC01-6_11

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SMLC6.5C-2 PROTEC-SMLC6.5C-2_11 Datasheet
908Kb / 9P
   HIGH POWERED MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLC01-6 PROTEC-PLC01-6_12 Datasheet
641Kb / 7P
   HIGH POWERED MULTI-LINE CAPACITANCE TVS ARRAY
DA8 PROTEC-DA8 Datasheet
471Kb / 5P
   High powered multi-line tvs array
LCD05C PROTEC-LCD05C_11 Datasheet
770Kb / 8P
   HIGH POWERED MULTI-LINE TVS ARRAY
DA05L PROTEC-DA05L_10 Datasheet
467Kb / 5P
   High powered multi-line tvs array
DA05N PROTEC-DA05N_10 Datasheet
568Kb / 5P
   High powered multi-line tvs array
DA16 PROTEC-DA16 Datasheet
394Kb / 5P
   HIGH POWERED MULTI-LINE TVS ARRAY
DLZ-5-DLZ-30CA PROTEC-DLZ-5-DLZ-30CA Datasheet
451Kb / 5P
   High powered multi-line tvs array
LCA05C PROTEC-LCA05C_10 Datasheet
679Kb / 7P
   High powered multi-line tvs array
DA05L PROTEC-DA05L_12 Datasheet
471Kb / 5P
   HIGH POWERED MULTI-LINE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com