Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A4985 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A4985
Description  DMOS Microstepping Driver with Translator And Overcurrent Protection
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4985 Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A4985_12 Datasheet HTML 4Page - Allegro MicroSystems A4985_12 Datasheet HTML 5Page - Allegro MicroSystems A4985_12 Datasheet HTML 6Page - Allegro MicroSystems A4985_12 Datasheet HTML 7Page - Allegro MicroSystems A4985_12 Datasheet HTML 8Page - Allegro MicroSystems A4985_12 Datasheet HTML 9Page - Allegro MicroSystems A4985_12 Datasheet HTML 10Page - Allegro MicroSystems A4985_12 Datasheet HTML 11Page - Allegro MicroSystems A4985_12 Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
DMOS Microstepping Driver with Translator
And Overcurrent Protection
A4985
8
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Figure 3. Continuous stepping using automatically-selected mixed stepping (ROSC pin grounded)
Figure 2. Missed steps in low-speed microstepping
Figure 3. Continuous stepping using automatically-selected mixed stepping (ROSC pin grounded)
t
→ , 1 s/div.
Step input 10 V/div.
Mixed Decay
No Missed
Steps
ILOAD 500 mA/div.
t
→ , 1 s/div.
Step input 10 V/div.
Slow
Decay
Slow
Decay
Slow
Decay
Slow
Decay
Mixed
Decay
Mixed
Decay
Mixed
Decay
Mixed
Decay
Missed
Step
Voltage on ROSC terminal 2 V/div.


Similar Part No. - A4985_12

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4985S ALLEGRO-A4985S Datasheet
1Mb / 39P
   BIPOLAR STEPPING MOTOR DRIVER IC
A4985SES-T ALLEGRO-A4985SES-T Datasheet
1Mb / 39P
   BIPOLAR STEPPING MOTOR DRIVER IC
A4985SESTR-T ALLEGRO-A4985SESTR-T Datasheet
424Kb / 21P
   DMOS Microstepping Driver with Translator and Overcurrent Protection
A4985SESTR-T ALLEGRO-A4985SESTR-T Datasheet
1Mb / 39P
   BIPOLAR STEPPING MOTOR DRIVER IC
A4985SET-T ALLEGRO-A4985SET-T Datasheet
1Mb / 39P
   BIPOLAR STEPPING MOTOR DRIVER IC
More results

Similar Description - A4985_12

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4982_V4 ALLEGRO-A4982_V4 Datasheet
480Kb / 20P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
A4982 ALLEGRO-A4982 Datasheet
530Kb / 19P
   DMOS Microstepping Driver with Translator and Overcurrent Protection
A4988 ALLEGRO-A4988 Datasheet
377Kb / 19P
   DMOS Microstepping Driver with Translator and Overcurrent Protection
A4984 ALLEGRO-A4984_12 Datasheet
451Kb / 22P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
A4988_V4 ALLEGRO-A4988_V4 Datasheet
388Kb / 20P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
A4984 ALLEGRO-A4984 Datasheet
425Kb / 21P
   DMOS Microstepping Driver with Translator and Overcurrent Protection
A4985 ALLEGRO-A4985 Datasheet
424Kb / 21P
   DMOS Microstepping Driver with Translator and Overcurrent Protection
A3987 ALLEGRO-A3987 Datasheet
450Kb / 13P
   DMOS Microstepping Driver with Translator
A3984 ALLEGRO-A3984_13 Datasheet
344Kb / 12P
   DMOS Microstepping Driver with Translator
A3983 ALLEGRO-A3983 Datasheet
329Kb / 13P
   DMOS Microstepping Driver with Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com