Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLC-45-27 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # PLC-45-27
Description  45W Single Output LED Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PLC-45-27 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  PLC-45-27 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PLC-45-27 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. PLC-45-27 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MechanicalSpecification
FileName:PLC-45-SPEC 2012-03-01
CaseNo.991A
Unit:mm
DeratingCurve
StaticCharacteristics
AMBIENTTEMPERATURE(
)
-30
-25
-5
0
15
30
40
50
60
20
40
60
80
100
INPUTVOLTAGE(V)60Hz
90
100
125
135
145
155 165
175
180
200
230
264
100
90
80
70
60
50
40
(HORIZONTAL)
fosc:90KHz(115VAC)
120KHz(230VAC)
DETECTION
PWM&PFC
CIRCUIT
O.L.P.
EMIFILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
O.V.P.
&
O.C.P.
50
1
2
3
TerminalPinNo. Assignment(TB1):
SWITCHLABMB310-75003
TerminalPinNo. Assignment(TB2):
SWITCHLABMB310-75002
PinNo.
PinNo.
1
1
2
3
2
Assignment
Assignment
AC/N
FG
-V
AC/L
+V
1
2
T case:Max.Case Temperature.
90.75
T case
45WSingleOutputLEDPowerSupply
P L C - 4 5 series
BlockDiagram
2-R2.5
2-R9.0
6.3
181.5
6.3


Similar Part No. - PLC-45-27

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLC-45-27 MEANWELL-PLC-45-27 Datasheet
144Kb / 3P
   45W Single Output LED Power Supply
More results

Similar Description - PLC-45-27

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLN-45-12 MEANWELL-PLN-45-12 Datasheet
190Kb / 2P
   45W Single Output LED Power Supply
PLC-45 MEANWELL-PLC-45 Datasheet
144Kb / 3P
   45W Single Output LED Power Supply
PLN-45 MEANWELL-PLN-45_11 Datasheet
201Kb / 3P
   45W Single Output LED Power Supply
PLN-45 MEANWELL-PLN-45_12 Datasheet
208Kb / 3P
   45W Single Output LED Power Supply
PLP-45 MEANWELL-PLP-45_11 Datasheet
336Kb / 3P
   45W Single Output LED Power Supply
PLP-45 MEANWELL-PLP-45_12 Datasheet
337Kb / 3P
   45W Single Output LED Power Supply
logo
Astrodyne Corporation
PS-45 ASTRODYNE-PS-45 Datasheet
1Mb / 8P
   45W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
EPS-45S MEANWELL-EPS-45S Datasheet
96Kb / 4P
   45W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS45 ASTRODYNE-PS45 Datasheet
322Kb / 4P
   45W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-45 MEANWELL-PS-45_11 Datasheet
341Kb / 2P
   45W Single Output Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com