Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A4984 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A4984
Description  DMOS Microstepping Driver with Translator And Overcurrent Protection
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4984 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A4984_12 Datasheet HTML 6Page - Allegro MicroSystems A4984_12 Datasheet HTML 7Page - Allegro MicroSystems A4984_12 Datasheet HTML 8Page - Allegro MicroSystems A4984_12 Datasheet HTML 9Page - Allegro MicroSystems A4984_12 Datasheet HTML 10Page - Allegro MicroSystems A4984_12 Datasheet HTML 11Page - Allegro MicroSystems A4984_12 Datasheet HTML 12Page - Allegro MicroSystems A4984_12 Datasheet HTML 13Page - Allegro MicroSystems A4984_12 Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
DMOS Microstepping Driver with Translator
And Overcurrent Protection
A4984
10
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
specifications.
Enable Input (¯E¯¯N¯¯A¯¯B¯¯L¯¯E¯). This input turns on or off all of the
FET outputs. When set to a logic high, the outputs are disabled.
When set to a logic low, the internal control enables the outputs
as required. The translator inputs STEP, DIR, and MSx, as well as
the internal sequencing logic, all remain active, independent of the
¯E¯¯N¯¯A¯¯B¯¯L¯¯E¯ input state.
Shutdown. In the event of a fault, overtemperature (excess TJ)
or an undervoltage (on VCP), the FET outputs of the A4984 are
disabled until the fault condition is removed. At power-on, the
UVLO (undervoltage lockout) circuit disables the FET outputs
and resets the translator to the Home state.
Sleep Mode ( ¯S¯¯L¯¯E¯¯E¯¯P¯ ). To minimize power consumption
when the motor is not in use, this input disables much of the
internal circuitry including the output FETs, current regulator,
and charge pump. A logic low on the S¯¯L¯¯E¯¯E¯¯P¯ pin puts the A4984
into Sleep mode. A logic high allows normal operation, as well as
start-up (at which time the A4984 drives the motor to the Home
microstep position). When emerging from Sleep mode, in order
to allow the charge pump to stabilize, provide a delay of 1 ms
before issuing a Step command.
Mixed Decay Operation. The bridge can operate in Mixed
Decay mode, depending on the step sequence, as shown in fig-
ures 8 through 11. As the trip point is reached, the A4984 initially
goes into a fast decay mode for 31.25% of the off-time, tOFF.
After that, it switches to Slow Decay mode for the remainder of
tOFF. A timing diagram for this feature appears in figure 7.
Synchronous Rectification. When a PWM-off cycle is
triggered by an internal fixed-off time cycle, load current recircu-
lates according to the decay mode selected by the control logic.
This synchronous rectification feature turns on the appropriate
FETs during current decay, and effectively shorts out the body
diodes with the low FET RDS(ON). This reduces power dissipation
significantly, and can eliminate the need for external Schottky
diodes in many applications. Synchronous rectification turns off
when the load current approaches zero (0 A), preventing reversal
of the load current.
t
Fixed off-time
5 A / div.
t
5 A / div.
Figure 4. Short-to-ground event
Figure 5. Shorted load (OUTxA
→ OUTxB) in
Slow decay mode
Figure 6. Shorted load (OUTxA
→ OUTxB) in
Mixed decay mode
Fixed off-time
Fast decay portion
(direction change)
t
5 A / div.
Fault
latched


Similar Part No. - A4984_12

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4984S ALLEGRO-A4984S Datasheet
1Mb / 39P
   BIPOLAR STEPPING MOTOR DRIVER IC
A4984SES-T ALLEGRO-A4984SES-T Datasheet
1Mb / 39P
   BIPOLAR STEPPING MOTOR DRIVER IC
A4984SESTR-T ALLEGRO-A4984SESTR-T Datasheet
425Kb / 21P
   DMOS Microstepping Driver with Translator and Overcurrent Protection
A4984SESTR-T ALLEGRO-A4984SESTR-T Datasheet
1Mb / 39P
   BIPOLAR STEPPING MOTOR DRIVER IC
A4984SET-T ALLEGRO-A4984SET-T Datasheet
1Mb / 39P
   BIPOLAR STEPPING MOTOR DRIVER IC
More results

Similar Description - A4984_12

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4982_V4 ALLEGRO-A4982_V4 Datasheet
480Kb / 20P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
A4982 ALLEGRO-A4982 Datasheet
530Kb / 19P
   DMOS Microstepping Driver with Translator and Overcurrent Protection
A4988 ALLEGRO-A4988 Datasheet
377Kb / 19P
   DMOS Microstepping Driver with Translator and Overcurrent Protection
A4988_V4 ALLEGRO-A4988_V4 Datasheet
388Kb / 20P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
A4985 ALLEGRO-A4985_12 Datasheet
449Kb / 22P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
A4984 ALLEGRO-A4984 Datasheet
425Kb / 21P
   DMOS Microstepping Driver with Translator and Overcurrent Protection
A4985 ALLEGRO-A4985 Datasheet
424Kb / 21P
   DMOS Microstepping Driver with Translator and Overcurrent Protection
A3987 ALLEGRO-A3987 Datasheet
450Kb / 13P
   DMOS Microstepping Driver with Translator
A3984 ALLEGRO-A3984_13 Datasheet
344Kb / 12P
   DMOS Microstepping Driver with Translator
A3983 ALLEGRO-A3983 Datasheet
329Kb / 13P
   DMOS Microstepping Driver with Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com