Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM06SC7905S Datasheet(PDF) 2 Page - Protek Devices

Part # PAM06SC7905S
Description  LOW CAPACITANCE TVS ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM06SC7905S Datasheet(HTML) 2 Page - Protek Devices

  PAM06SC7905S Datasheet HTML 1Page - Protek Devices PAM06SC7905S Datasheet HTML 2Page - Protek Devices PAM06SC7905S Datasheet HTML 3Page - Protek Devices PAM06SC7905S Datasheet HTML 4Page - Protek Devices PAM06SC7905S Datasheet HTML 5Page - Protek Devices PAM06SC7905S Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05351.R0 12/11
Page 2
PAM06SC7905S
TYPICAL DEVICE ChARACTERISTICS
MAXIMuM RATINgS @ 25°C unless Otherwise Specified
PARAMETER
SYMBOL
VALuE
uNITS
Peak Pulse Power (tp = 10/1000µs) - See Figure 1
P
PP
10
Watts
Power Dissipation
P
D
150
mW
Operating Temperature
T
A
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Junction Temperature
T
L
150
°C
ELECTRICAL ChARACTERISTICS PER LINE @ 25°C unless Otherwise Specified
PART
NuMBER
(Note 1)
DEVICE
MARkINg
RATED
STAND-OFF
VOLTAgE
V
WM
VOLTS
MINIMuM
BREAkDOWN
VOLTAgE
@ 1mA
V
(BR)
VOLTS
MAXIMuM
LEAkAgE
CuRRENT
@3.5V
I
D
µA
MAXIMuM
CAPACITANCE
@0V, 1Mhz
C
pF
PAM06SC7905S
C5
4.7
5.7
0.5
30
NOTE
1. Bidirectional device. Test both polarities.


Similar Part No. - PAM06SC7905S

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM06SC7905S PROTEC-PAM06SC7905S_12 Datasheet
437Kb / 6P
   LOW CAPACITANCE TVS ARRAY
More results

Similar Description - PAM06SC7905S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Bruckewell Technology L...
ES0542 BWTECH-ES0542 Datasheet
420Kb / 4P
   Low Capacitance TVS Array
logo
Protek Devices
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
   LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT12LCC-1 PROTEC-ESOT12LCC-1 Datasheet
72Kb / 3P
   LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
   LOW CAPACITANCE TVS ARRAY
PLC03-3.3 PROTEC-PLC03-3.3 Datasheet
72Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT24LCC-2 PROTEC-ESOT24LCC-2 Datasheet
92Kb / 3P
   LOW CAPACITANCE TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI Datasheet
105Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Semtech Corporation
RCLAMP3654PA SEMTECH-RCLAMP3654PA Datasheet
166Kb / 9P
   Low Capacitance TVS Array
logo
Protek Devices
DSOT0502 PROTEC-DSOT0502 Datasheet
524Kb / 6P
   LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com