Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA5322 Datasheet(PDF) 8 Page - Protek Devices

Part # PA5322
Description  100dB, 24-Bit, 192 kHz Stereo Audio CODEC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5322 Datasheet(HTML) 8 Page - Protek Devices

Back Button PA5322 Datasheet HTML 4Page - Protek Devices PA5322 Datasheet HTML 5Page - Protek Devices PA5322 Datasheet HTML 6Page - Protek Devices PA5322 Datasheet HTML 7Page - Protek Devices PA5322 Datasheet HTML 8Page - Protek Devices PA5322 Datasheet HTML 9Page - Protek Devices PA5322 Datasheet HTML 10Page - Protek Devices PA5322 Datasheet HTML 11Page - Protek Devices PA5322 Datasheet HTML 12Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PA5322
100dB, 24-Bit, 192 kHz Stereo Audio CODEC
95248 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
AUDIO DATA SAMPLING FREQUENCY AND CLOCKS
According to the input serial audio data sampling frequency, the device can work in three speed modes: single speed, double speed
or quad speed modes. The ranges of the sampling frequency in these three modes are listed in Table1.
ADCSampleRate bits in ADC Control 2 register (RAM address 0x02) or DACSampleRate bits in DAC Control 2 register (RAM
address 0x07) set the speed mode.
By default, the device can detect the speed mode automatically when sampling rate falls within the Fs Auto Detection Ranges listed in
Table1.
In this auto detection mode, sampling frequency outside the specified ranges is not supported. ADC and DAC have separate auto
detection so ADC and DAC sampling frequencies can be completely independent.
Table 1. Sampling Frequency and CLK/LRCK Ration
Speed Mode
Sampling Frequency
Fs Auto Detection Range
MCLK/LRCK Ratio
Single Speed
8kHz – 50kHz
8kHz – 50kHz
256, 384, 512, 768, 1024
Double Speed
50kHz – 100kHz
84kHz – 100kHz
128, 192, 256, 384, 512
Quad Speed
100kHz – 200kHz
167kHz – 200kHz
128, 192, 256
The device uses separate master clocks, LRCK clocks and SCLK clocks for the ADC and DAC. The allowed MCLK/LRCK ratios in
each speed mode are also listed in Table1. The device always detects MCLK/LRCK ratio automatically.
HARDWARE MODE
The device can operate in the hardware mode or the software mode. The default is the hardware mode. To change the hardware
mode to the software mode, set SCPEn bit of Chip Control register (RAM address 0x00) to 1.
In the hardware mode, pin M3 sets I
2S or left justified ADC and DAC serial port mode, pin M2 sets DAC de-emphasis filter on or off,
and pins M1 and pin M0 select one of the four ADC analog inputs.
Please refer to PIN DESCRIPTIONS section for detail settings.
POWER UP AND DOWN
The chip internal power on reset will reset the device when VDDD ramps from ground to supply voltage level. When VDDD and VDDA
are present to the device, applying ADCMCLK and ADCLRCK will startup the ADC and applying DACMCLK and DACLRCK will start
up the DAC.
During the DAC startup, DAC analog outputs ramp gradually from ground to mid level to minimize audible pop noise. This gradual
ramp feature can be turned off by setting ClickFree bit of DAC Control 1 register (RAM address 0x06) to 0.
ADC and DAC can power up or down independently. In the software mode, ADC or DAC can power down through ADCPDN bit or
DACPDN bit of Chip Control register (RAM address 0x00). In the hardware mode, ADC can power down by stopping ADCMCLK or
ADCLRCK, and DAC can power down by stopping DACMCLK or DACLRCK.
MICRO-CONTROLLER CONFIGURATION INTERFACE
The device supports standard SPI and 2-wire micro-controller configuration interface. External micro-controller can completely
configure the device through writing to internal configuration registers.
The identical device pins are used to configure either SPI or 2-wire interface. In SPI mode, pin CE, CCLK and CDATA function as
SPI_CSn, SPI_CLK and SPI_DIN. In 2-wire mode, pin CE, CCLK and CDATA function as AD0, SCL and SDA.
To select SPI mode, apply high to low transition signal to CE pin. Otherwise the device will operate in 2-wire interface mode.
SPI
PA5322 has a SPI (Serial Peripheral Interface) compliant synchronous serial slave controller inside the chip. It provides the ability to
allow the external master SPI controller to access the internal registers, and thus control the operations of chip.
All lines on the SPI bus are unidirectional: The SPI_CLK is generated by the master controller and is primarily used to synchronize
data transfer, the SPI_DIN line carries data from the master to the slave; SPI_CSn is generated by the master to select PA5322.
The timing diagram of this interface is given in Figure 1. The high to low transition at SPI_CSn pin indicates the SPI interface
selected. Each write procedure contains 3 words, i.e. Chip Address plus R/W bit, internal register address and internal register data.
Every word length is fixed at 8 bits. The input SPI_DIN data are sampled at the rising edge of SPI_CLK clock. The MSB bit in each
word is transferred firstly. The transfer rate can be up to 10M bps.


Similar Part No. - PA5322

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA5300.121HLT PULSE-PA5300.121HLT Datasheet
1Mb / 4P
   SMT Power Inductors
PA5300.221HLT PULSE-PA5300.221HLT Datasheet
1Mb / 4P
   SMT Power Inductors
PA5300.XXXHLT PULSE-PA5300.XXXHLT Datasheet
1Mb / 4P
   SMT Power Inductors
logo
Protek Devices
PA5331 PROTEC-PA5331 Datasheet
744Kb / 27P
   Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
PA5388 PROTEC-PA5388 Datasheet
750Kb / 27P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results

Similar Description - PA5322

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PA5388 PROTEC-PA5388 Datasheet
750Kb / 27P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES7322 EVEREST-ES7322 Datasheet
908Kb / 23P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Cirrus Logic
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Wolfson Microelectronic...
WM8591 WOLFSON-WM8591 Datasheet
495Kb / 50P
   24 BIT, 192 KHZ STEREO CODEC
logo
Cirrus Logic
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
   24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com