Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA5240 Datasheet(PDF) 8 Page - Protek Devices

Part # PA5240
Description  24-Bit, 192 kHz Stereo A/D Converter for PCM Audio
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5240 Datasheet(HTML) 8 Page - Protek Devices

  PA5240 Datasheet HTML 1Page - Protek Devices PA5240 Datasheet HTML 2Page - Protek Devices PA5240 Datasheet HTML 3Page - Protek Devices PA5240 Datasheet HTML 4Page - Protek Devices PA5240 Datasheet HTML 5Page - Protek Devices PA5240 Datasheet HTML 6Page - Protek Devices PA5240 Datasheet HTML 7Page - Protek Devices PA5240 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 474-1715
www.protekanalog.com
PA5240
24-Bit, 192 kHz Stereo A/D Converter
for PCM Audio
95246 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
PACKAGE INFORMATION
Life Support Policy
PROTEK ANALOG'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF PROTEK DEVICES.


Similar Part No. - PA5240

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA52 APEX-PA52 Datasheet
210Kb / 4P
   POWER OPERATIONAL AMPLIFIERS
PA52 CIRRUS-PA52 Datasheet
206Kb / 4P
   Power Operational Amplifiers
logo
List of Unclassifed Man...
PA52 ETC-PA52 Datasheet
1Mb / 11P
   Power Operational Amplifiers
Aug 2015
PA52-PP ETC2-PA52-PP Datasheet
36Kb / 1P
   52 pin PLCC socket/52 pin PLCC plug
PA52-PZP ETC2-PA52-PZP Datasheet
36Kb / 1P
   52 pin PLCC socket/52 pin PLCC plug
More results

Similar Description - PA5240

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PA5144LV PROTEC-PA5144LV Datasheet
201Kb / 6P
   24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
PA5134LV PROTEC-PA5134LV Datasheet
202Kb / 6P
   24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
PA5144 PROTEC-PA5144 Datasheet
201Kb / 6P
   24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
logo
Suzhou Everest Semicond...
ES7145LV EVEREST-ES7145LV Datasheet
308Kb / 8P
   10-pin, 24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
ES7144LV EVEREST-ES7144LV Datasheet
231Kb / 8P
   10-pin, 24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
logo
Cirrus Logic
CS4396 CIRRUS-CS4396 Datasheet
527Kb / 28P
   24-Bit, 192 kHz D/A Converter for Digital Audio?
CS4340A CIRRUS-CS4340A_05 Datasheet
695Kb / 21P
   24-Bit, 192 kHz Stereo DAC for Audio
CS4340A CIRRUS-CS4340A Datasheet
628Kb / 20P
   24-Bit, 192 kHz Stereo DAC for Audio?
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com