Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLP-20-48 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # PLP-20-48
Description  20W Single Output LED Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PLP-20-48 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  PLP-20-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PLP-20-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. PLP-20-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
FREQUENCY RANGE
POWERFACTOR
EFFICIENCY(Typ.)
ACCURRENT
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT
SAFETY STANDARDS
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERCURRENT
Note.5
SHORTCIRCUIT
OVERVOLTAGE
OVERTEMPERATURE
3.0%
10%
10%
90~277VAC127~392VDC
47~63Hz
0.4A/115VAC0.2A/230VAC0.15A/277VAC
40A/230VAC
0.5mA /240VAC
95~110%
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Hiccupmode,recoversautomaticallyafterfaultconditionisremoved.
I/P-O/P:3.75KVAC
I/P-O/P:100MOhms/500VDC/25
/70%RH
-30~+60
(Referto"DeratingCurve")
20~90%RH non-condensing
-40~+80
,10~95%RH
0.06%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
20WSingleOutputLEDPowerSupply
Features :
P L P - 2 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
110
10
(TSW1)
LEDOPERATIONVOLTAGE Note.5
CURRENT ADJ.RANGE
75%~100%
Universal AC input / Full range(up to 277VAC)
Protections:Short circuit/Over current/Over voltage/Over temperature
Cooling by free air convection
Built-in constant current limiting circuit with adjustable OCP level
Built-in active PFC function
Small and compact size
100% full load burn-in test
High
Suitable for built-in applications of LED lighting
2 years warranty
Class
power unit, no FG
reliability,low cost
Protectiontype: Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
TUVEN61347-1,EN61347-2-13,UL8750,CSA C22.2No.250.0-08approved
FileName:PLP-20-SPEC2012-03-13
140*32*22(L*W*H)
0.12kg;60pcs/9.2kg/0.62CUFT
2300ms,200ms/230VAC30
atfullload
00ms,200ms/115VAC
PLP-20-18
PLP-20-24
PLP-20-36
18V
13.5~18V
24V
18~24V
36V
1.1A
0.8A
0.55A
0~1.1A
0~0.8A
0~0.55A
19.8W
19.2W
19.8W
3.0Vp-p
3.0Vp-p
3.0Vp-p
PLP-20-48
48V
0.42A
0~0.42A
20.2W
3.8Vp-p
36~48V
27~36V
PLP-20-12
12V
9~12V
1.6A
0~1.6A
19.2W
2.5Vp-p
81%
82%
83%
83.5%
80%
19~22V
27~34V
41~46V
54~60V
14~16V
Protectiontype: Shutoffo/pvoltage,clampingbyzenerdiode
VOLTAGERANGE
Note.4
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Derating may be needed under low input voltage, please check the static characteristic for more details.
5. Constant current operation region is within 75% ~100% rated output voltage. This is the suitable operation region for LED related applications, but please
reconfirm special electrical requirements for some specific system design.
6. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
7. Direct connecting to LEDs is suggested, but is not suitable for using additional drivers.
643.6Khrsmin.MIL-HDBK-217F(25
)
Complianceto EN55015,EN61000-3-2ClassC( 75%load);EN61000-3-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN61547,lightindustrylevel,criteria A
EMCIMMUNITY
EMCEMISSION
PF
0.9at75~100%load,115VAC/230VAC;PF
0.9at85~100%load277VAC (Pleasereferto"PowerFactorCharacteristic"curve)


Similar Part No. - PLP-20-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLP-20-48 MEANWELL-PLP-20-48 Datasheet
872Kb / 2P
   20W Single Output LED Power Supply
PLP-20-48 MEANWELL-PLP-20-48 Datasheet
186Kb / 3P
   20W Single Output LED Power Supply
PLP-20-48 MEANWELL-PLP-20-48 Datasheet
178Kb / 3P
   20W Single Output LED Power Supply
More results

Similar Description - PLP-20-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLN-20 MEANWELL-PLN-20 Datasheet
183Kb / 3P
   20W Single Output LED Power Supply
PLP-20 MEANWELL-PLP-20_11 Datasheet
186Kb / 3P
   20W Single Output LED Power Supply
PLP-20_1108 MEANWELL-PLP-20_1108 Datasheet
178Kb / 3P
   20W Single Output LED Power Supply
PLN-20_1108 MEANWELL-PLN-20_1108 Datasheet
184Kb / 3P
   20W Single Output LED Power Supply
PLN-20 MEANWELL-PLN-20_12 Datasheet
185Kb / 3P
   20W Single Output LED Power Supply
PLP-20 MEANWELL-PLP-20 Datasheet
872Kb / 2P
   20W Single Output LED Power Supply
PLN-20 MEANWELL-PLN-20_11 Datasheet
183Kb / 3P
   20W Single Output LED Power Supply
LPV-20 MEANWELL-LPV-20_11 Datasheet
97Kb / 2P
   20W Single Output Switching Power Supply
LPV-20 MEANWELL-LPV-20 Datasheet
144Kb / 2P
   20W Single Output Switching Power Supply
LPV-20 MEANWELL-LPV-20_12 Datasheet
771Kb / 2P
   20W Single Output Swithching Power supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com