Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA4220DQ-T7 Datasheet(PDF) 1 Page - Protek Devices

Part # PA4220DQ-T7
Description  Pop-Up and Shutdown Noise Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA4220DQ-T7 Datasheet(HTML) 1 Page - Protek Devices

  PA4220DQ-T7 Datasheet HTML 1Page - Protek Devices PA4220DQ-T7 Datasheet HTML 2Page - Protek Devices PA4220DQ-T7 Datasheet HTML 3Page - Protek Devices PA4220DQ-T7 Datasheet HTML 4Page - Protek Devices PA4220DQ-T7 Datasheet HTML 5Page - Protek Devices PA4220DQ-T7 Datasheet HTML 6Page - Protek Devices PA4220DQ-T7 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PA4220
Pop-Up and Shutdown Noise Suppressor
95027.Rev 0.0 12/10 PATENT PENDING; CONFIDENTIAL; COVERED BY NON DISCLOSURE AGREEMENT.
NOT FOR USE IN LIFE SUPPORT SYSTEMS
FEATURES
 Extremely Low supply current (<1μA).
 Shunt operation hence distortion free.
 Instantaneous. Power-up and Power-down muting.
 No external microcontroller signal needed.
 ESD protected outputs.
 1.5V to 5V supply operation.
 Handle up to 3.5V RMS signal.
 Compact 2 x 2 x 0.8mm 6L DFN.
 Standard 8L SO-8 package.
APPLICATIONS
Cell phones
PDA’s
Portable DVD players
Portable MP3 players
Notebook Audio
Set-top boxes
Digital Video Recorders
LCD TVs
Home Theater systems
Pin Layout and Description
GENERAL DESCRIPTION
PA4220 is a low power (ICC< 1μA) monolithic mixed signal
device. PA4220’s function is to control the power supply
transition noise in audio systems.
PA4220 boasts several features that make it a “one of a kind”
product on the market. Most prominent is the feature is that it
does not require any external signal to suppress POPUP
and SHUTDOWN Noise.
PA4220 requires few external components for its operation,
working from low to medium supply voltages of up to 5V. The
ramp time of the supply should be greater than 50ms.
On power-up and power-down the output of the amplifier
stage is switched to a convenient low impedance voltage rail
hence muting the amplifiers, preventing the audible pop, which
is normally heard in the headset or speakers.
P A 4 2 2 0 operates as a passive shunt device hence the
designer does not have to worry about the device introducing
any kind of noise or distortion into the system. It has extremely
low current consumption (<1uA).
PA4220 is equipped with ESD (Human Body Model)
protection circuitry on the outputs.
PA4220 is available as an 6L low profile 0.8mm DFN
package and 8L SO-8 package. It is specified for operation
over the -40° C to +85°C temperature range.
Functional Diagram
Ordering Information
Temp Range
Package
Part Number
SOIC-8
PA4220DQ-T7
-40 to +85°C
DFN-6
PA4220DN-T7
Pin#
DFN-6
Pin #
SOIC-8
Description
Notes
1
1
RCS
Power ON delay capacitor
2
2
GND
Ground
3
NC
No Connect
3
4
Ch2
Channel 2 control signal
4
5
Ch1
Channel 1 control signal
6
NC
No Connect
5
7
Vcc
Vcc
6
8
Cap
Holding capacitor
VCC
NC
1
2
3
4
5
6
7
8
RCS
GND
NC
CH2
CH1
VCAP
6
1
5
4
2
3
RCS
GND
CH2
CH1
VCC
VCAP
DFN-6
Top View
SOIC-8
Top View
Startup
&
Shutdown
Control
PA4220
VCC
C2 = 100μF (Typ.)
C3 = 1μF (Max.)
C2
C3
CH2
CH1


Similar Part No. - PA4220DQ-T7

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA42 APEX-PA42 Datasheet
113Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
logo
Protek Devices
PA4201 PROTEC-PA4201 Datasheet
126Kb / 7P
   PUNK POP-UP NOISE KILLER
PA4201 PROTEC-PA4201 Datasheet
1,004Kb / 8P
   Pop-Up-Noise Killer
PA4201 PROTEC-PA4201_09 Datasheet
1,004Kb / 8P
   Pop-Up-Noise Killer
logo
Pulse A Technitrol Comp...
PA4272.121HL PULSE-PA4272.121HL Datasheet
418Kb / 3P
   Power Beads - PA4272.XXXHL Series
More results

Similar Description - PA4220DQ-T7

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PA4201 PROTEC-PA4201_09 Datasheet
1,004Kb / 8P
   Pop-Up-Noise Killer
PA4201 PROTEC-PA4201 Datasheet
126Kb / 7P
   PUNK POP-UP NOISE KILLER
logo
Maxim Integrated Produc...
MAX9890 MAXIM-MAX9890 Datasheet
368Kb / 12P
   Audio Click-Pop Suppressor
Rev 0; 8/03
logo
MOSA ELECTRONICS
MS6272 MOSA-MS6272 Datasheet
1Mb / 19P
   Good PSRR and low pop noise
logo
Maxim Integrated Produc...
MAX9890 MAXIM-MAX9890_V01 Datasheet
1Mb / 12P
   Audio Click-Pop Suppressor
19-2932; Rev 4; 5/17
logo
Energizer
ENFPU41E ENERGIZER-ENFPU41E Datasheet
231Kb / 1P
   Mini Pop-Up Lantern
logo
SHANGHAI BELLING CO., L...
BL6332 BELLING-BL6332 Datasheet
153Kb / 6P
   Pop noise reduction function
logo
Vishay Siliconix
DG2591 VISHAY-DG2591 Datasheet
161Kb / 12P
   Audio Jack Detector and Pop Noise Control Switch
Rev. B, 13-Oct-14
logo
STMicroelectronics
STEVAL-CCA003V1 STMICROELECTRONICS-STEVAL-CCA003V1 Datasheet
122Kb / 4P
   Near-zero pop and click
logo
Integrated Silicon Solu...
ISIS31AP4991 ISSI-ISIS31AP4991 Datasheet
256Kb / 5P
   Near-zero click-and-pop
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com