Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA2222 Datasheet(PDF) 2 Page - Protek Devices

Part # PA2222
Description  LoPro??Dual SPDT Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA2222 Datasheet(HTML) 2 Page - Protek Devices

  PA2222 Datasheet HTML 1Page - Protek Devices PA2222 Datasheet HTML 2Page - Protek Devices PA2222 Datasheet HTML 3Page - Protek Devices PA2222 Datasheet HTML 4Page - Protek Devices PA2222 Datasheet HTML 5Page - Protek Devices PA2222 Datasheet HTML 6Page - Protek Devices PA2222 Datasheet HTML 7Page - Protek Devices PA2222 Datasheet HTML 8Page - Protek Devices PA2222 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175, Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
2
PA2222 PA2222T
LoPro
Dual SPDT Analog Switch
95005 Rev2.03/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Absolute Maximum Ratings
(1)
Supply Voltage VCC
................................................... 4.5V
DC Switch Voltage (VS)
(2)
.................................. VCC +0.5V
DC Input Voltage (VIN)(2) ........................................... 4.5V
Analog Signal Range.....................Min -1.0 to Max VCC +1.0
Continuous Current NO_NC_COM_ ...............±300mA Peak
Current NO_NC_COM_
(pulsed at 1ms 50% duty cycle) ....................±400mA Peak
Current NO_NC_COM_
(pulsed at 1ms 10% duty cycle) ........................... ±500mA
Storage Temperature Range (TSTG) .. …..–65°C to +150°C
Junction Temperature under Bias (TJ)..........................150°C
Junction Lead Temperature (TL)
(Soldering, 10 seconds).............................................260°C
Power Dissipation (PD) @ +85°C ........................ …250mW
Recommended Operating Conditions
Supply Voltage Operating (V
CC) …………………..
1.8V to 4.2V
Control Input Voltage (V
IN)……………….. 0V to VCC Switch Input
Voltage (V
IN)…………………………. -0.3V to VCC Output Voltage
(V
OUT)………………………………………………………. 0V to VCC
Operating Temperature (T
A)………………………… –40°C to +85°C
Input Rise and Fall Time (tr,tf)
Control Input VCC = 2.3V - 3.6V………………..0ns/V to 10ns/V
ThermalResistance(θ
JA)………………………………….350°C/W
Lead Temperature (soldering 10s)……………………….+220°C
Bump Temperature (soldering notes)
Infrared (15s)……………………………………………….+220°C
Vapor Phase (60ns)……………………………………….+215°C
Notes:
1. "Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any
other conditions beyond those indicated in the operational sections of this specification is not implied.
2. The input and output negative voltage ratings may be exceeded if the input and output diode current ratings are observed.
3. Control input must be held HIGH or LOW; it must not float.
4. Internal Resistance RTERM is guaranteed by design and not production tested.
Capacitance
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
NC Off Capacitance
CNC(OFF)
f =1MHz, See Test Circuit Figure7.
35
NO Off Capacitance
CNO(OFF)
f =1MHz, See Test Circuit Figure7.
35
NC On Capacitance
CNC(ON)
f =1MHz, See Test Circuit Figure8.
95
NO On Capacitance
CNO(ON)
f =1MHz, See Test Circuit Figure8.
95
pF


Similar Part No. - PA2222

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA2221NL PULSE-PA2221NL Datasheet
2Mb / 14P
   High Frequency Wire Wound Transformers
logo
Protek Devices
PA2223 PROTEC-PA2223 Datasheet
134Kb / 9P
   LoPro??Dual SPDT Analog Switch
logo
Pulse A Technitrol Comp...
PA2226NL PULSE-PA2226NL Datasheet
462Kb / 4P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
More results

Similar Description - PA2222

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PA2312 PROTEC-PA2312 Datasheet
134Kb / 9P
   LoPro??Dual SPDT Analog Switch
PA2223 PROTEC-PA2223 Datasheet
134Kb / 9P
   LoPro??Dual SPDT Analog Switch
PAM22LOPR2268 PROTEC-PAM22LOPR2268 Datasheet
324Kb / 10P
   LoPro??Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
   Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Vishay Siliconix
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
   Dual SPDT Analog Switch
Rev. B, 25-Apr-11
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
   DUAL SPDT ANALOG SWITCH
logo
Vishay Siliconix
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
   Dual SPDT Analog Switch
Rev. B, 06-Sep-10
DG9636 VISHAY-DG9636_V01 Datasheet
185Kb / 12P
   Dual SPDT Analog Switch
08-Feb-17
DG9236 VISHAY-DG9236_V01 Datasheet
256Kb / 13P
   Dual SPDT Analog Switch
01-Jan-2022
logo
SG Micro Corp
SGM4717 SGMICRO-SGM4717_15 Datasheet
365Kb / 12P
   Dual, SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com