Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA2034 Datasheet(PDF) 1 Page - Protek Devices

Part # PA2034
Description  Single 4:1 Low RON Multiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA2034 Datasheet(HTML) 1 Page - Protek Devices

  PA2034 Datasheet HTML 1Page - Protek Devices PA2034 Datasheet HTML 2Page - Protek Devices PA2034 Datasheet HTML 3Page - Protek Devices PA2034 Datasheet HTML 4Page - Protek Devices PA2034 Datasheet HTML 5Page - Protek Devices PA2034 Datasheet HTML 6Page - Protek Devices PA2034 Datasheet HTML 7Page - Protek Devices PA2034 Datasheet HTML 8Page - Protek Devices PA2034 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (602) 414—5141
www.protekanalog.com
60
PA2034
Single 4:1 Low RON Multiplexer
95050 Rev. 0. 01/08
NOT FOR USE IN LIFE SUPPORT SYSTEMS
FEATURES
Low Voltage Operation (1.8 to 5.5 V)
Low On-Resistance - RDSON: 2Ω
Off-Isolation and Crosstalk: –55 dB @ 10 MHz
Fast Switch – 25 nS tON
Low Charge Injection – QINJ : 4.7pC
Low Power Consumption – 4 µW
High Accuracy High Bandwidth
TTL and Low Voltage Logic Compatibility
Low Power Consumption
Reduced PCB Space
Applications
Mixed Signal Routing
Portable and Battery Operated Systems
Low Voltage Data Acquisition MODEMS
PCMCIA Cards
Video Signal Switching
Avionics
MODEMS
DESCRIPTION
The PA2034 is a low voltage, low rON, high bandwidth
single 4 to 1 analog multiplexer.
It is designed for high performance switching of analog and
video signals.
Combining low power; fast switching, low on-resistance,
flatness and matching, plus small physical size, the PA2034 is
ideal for portable and battery operated applications.
Functional Block Diagram
TRUTH TABLE
A1
A0
EN
ON Switch
X
X
0
None
0
0
1
S1
0
1
1
S2
1
0
1
S3
1
1
1
S4
ORDERING INFORMATION
Temp Range
Package
Part Number
-40 to 85°C
DFN-10
PA2034–T7
Top View
A0
S1
GND
S3
EN
A1
S2
COM
S4
10
1
2
3
4
5
6
7
8
9
Logic
DFN-10
Vcc


Similar Part No. - PA2034

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA2030A ETC1-PA2030A Datasheet
522Kb / 1P
   AB Class Audio Power Amplifier, MOSFET IC Power Amp
logo
MTRONPTI
PA2032-1 MTRONPTI-PA2032-1 Datasheet
356Kb / 2P
   Suitable for all modulations standards
logo
STMicroelectronics
PA2032A STMICROELECTRONICS-PA2032A Datasheet
68Kb / 1P
   PIONEER SPEAKER OUTPUT IC For DEH-1650 ABD AUDIO & POWER
logo
MTRONPTI
PA2033 MTRONPTI-PA2033 Datasheet
285Kb / 2P
   High Power Class AB linear GaN design
PA2037 MTRONPTI-PA2037 Datasheet
127Kb / 2P
   Solid State High Power Amplifier
More results

Similar Description - PA2034

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2034 VISHAY-DG2034_V01 Datasheet
166Kb / 10P
   Single 4:1 Low rON Multiplexers
01-Jan-2022
DG2034 VISHAY-DG2034 Datasheet
98Kb / 7P
   Single 4:1 Low rON Multiplexers
Rev. A, 01-Sept-03
DG2034 VISHAY-DG2034_08 Datasheet
140Kb / 8P
   Single 4:1 Low rON Multiplexers
Rev. D, 28-Jan-08
logo
Integrated Device Techn...
83054AGILF IDT-83054AGILF Datasheet
271Kb / 14P
   4:1, SINGLE-ENDED MULTIPLEXER
logo
Renesas Technology Corp
83054 RENESAS-83054 Datasheet
348Kb / 15P
   4:1, Single-Ended Multiplexer
December 15, 2015
logo
Integrated Circuit Syst...
ICS83054I ICST-ICS83054I Datasheet
156Kb / 13P
   4 : 1, SINGLE-ENDED MULTIPLEXER
logo
Integrated Device Techn...
83054 IDT-83054_15 Datasheet
154Kb / 14P
   4:1, Single-Ended Multiplexer
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681_06 Datasheet
539Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Renesas Technology Corp
ISL43681 RENESAS-ISL43681 Datasheet
1Mb / 18P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681 Datasheet
604Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com