Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA1418FV Datasheet(PDF) 3 Page - Protek Devices

Part # PA1418FV
Description  STEREO FM TRANSMITTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA1418FV Datasheet(HTML) 3 Page - Protek Devices

  PA1418FV Datasheet HTML 1Page - Protek Devices PA1418FV Datasheet HTML 2Page - Protek Devices PA1418FV Datasheet HTML 3Page - Protek Devices PA1418FV Datasheet HTML 4Page - Protek Devices PA1418FV Datasheet HTML 5Page - Protek Devices PA1418FV Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (602) 431-2288
www.protekanalog.com
93
PA1418FV
STEREO FM TRANSMITTER
95160 Rev. 0. 01/08
NOT FOR USE IN LIFE SUPPORT SYSTEMS
OPERATING RANGE
(Ta = 25oC,)
Parameter
Symbol
Limits
Unit
Conditions
Operating Supply Voltage
VCC
2.7 to 4.0
V
Pin 8, 13.
Operating Temperature
TOPR
-40 to +85
ºC
Audio Input level
V IN-A
Up to 10
dBV
Pin 1, 24
Audio Input Frequency Band
fIN-A
20 to 15k
Hz
Pin 1, 24
Pre-emphasis time constant set up range
t PRE
to 155
µS
Pin 2, 23
Transmission Frequency
fTX
70 to 120
MHz
Pin 10, 12
Control Terminal “H” level input voltage
VIH
0.8Vcc to Vcc
V
Pin 17, 18, 19, 20.
Control Terminal “H” level input voltage
VIL
GND to 0.2Vcc
V
Pin 17, 18, 19, 20.
ABSOLUTE MAXIMUM RATINGS
(Ta = 25oC, In test circuit)
Parameter
Symbol
Limits
Unit
Conditions
Supply Voltage
VCC
+7.0
V
Pin 8, 13.
Data Input voltage
V IN-D
- 0.3 to Vcc + 0.3
V
Pin 17,18,19,20.
Phase comparator output voltage
VOUT-P
- 0.3 to Vcc + 0.3
V
Pin 7.
Power dissipation
P D
630
mW
(Note 1)
Storage Temperature
Tstg
-55 to +125
ºC
(Note 1) when operation temperature exceeds Ta= to 25ºC power is derated at 6.3mW per 1ºC


Similar Part No. - PA1418FV

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA141 APEX-PA141 Datasheet
99Kb / 5P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA141A APEX-PA141A Datasheet
99Kb / 5P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
More results

Similar Description - PA1418FV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761634 TI-SN761634 Datasheet
419Kb / 20P
[Old version datasheet]   FM STEREO TRANSMITTER
SN761634 TI1-SN761634_13 Datasheet
273Kb / 20P
[Old version datasheet]   FM STEREO TRANSMITTER
logo
Beken Corporation
BK1085 BEKEN-BK1085 Datasheet
1Mb / 20P
   FM STEREO TRANSMITTER
Rev.1.1
logo
Rohm
BA1404 ROHM-BA1404 Datasheet
136Kb / 4P
   Fm Stereo Transmitter
logo
NTE Electronics
NTE7200 NTE-NTE7200 Datasheet
44Kb / 2P
   Intergrated Circuit FM Stereo Transmitter
logo
Texas Instruments
SN761633 TI-SN761633 Datasheet
527Kb / 27P
[Old version datasheet]   FM STEREO RADIO WITH TRANSMITTER
logo
List of Unclassifed Man...
TWS-F86L ETC2-TWS-F86L Datasheet
494Kb / 3P
   HI POWER 10mW FM stereo transmitter
HY1417LP ETC-HY1417LP Datasheet
220Kb / 6P
    Low-power FM stereo transmitter ASIC
logo
Rohm
BH1415FV-E2 ROHM-BH1415FV-E2 Datasheet
206Kb / 6P
   FM stereo transmitter IC for audio systems
BH1415FV ROHM-BH1415FV Datasheet
200Kb / 6P
   FM stereo transmitter IC for audio systems
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com