Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67040-S4000-A2 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # Q67040-S4000-A2
Description  SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67040-S4000-A2 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

  Q67040-S4000-A2 Datasheet HTML 1Page - Siemens Semiconductor Group Q67040-S4000-A2 Datasheet HTML 2Page - Siemens Semiconductor Group Q67040-S4000-A2 Datasheet HTML 3Page - Siemens Semiconductor Group Q67040-S4000-A2 Datasheet HTML 4Page - Siemens Semiconductor Group Q67040-S4000-A2 Datasheet HTML 5Page - Siemens Semiconductor Group Q67040-S4000-A2 Datasheet HTML 6Page - Siemens Semiconductor Group Q67040-S4000-A2 Datasheet HTML 7Page - Siemens Semiconductor Group Q67040-S4000-A2 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Semiconductor Group
8
30/Jan/1998
BUZ 100 SL
SPP70N05L
Avalanche energy E
AS = ƒ(Tj)
parameter: ID = 70 A, VDD = 25 V
RGS = 25 Ω, L = 155 µH
20
40
60
80
100
120
140
°C
180
T
j
0
40
80
120
160
200
240
280
320
mJ
400
E
AS
Typ. gate charge
VGS = ƒ(QGate)
parameter: ID puls = 70 A
0
20
40
60
80
100
nC
130
Q
Gate
0
2
4
6
8
10
12
V
16
V
GS
DS max
V
0,8
DS max
V
0,2
Drain-source breakdown voltage
V
(BR)DSS = ƒ(Tj)
-60
-20
20
60
100
°C
180
T
j
49
51
53
55
57
59
61
V
65
V
(BR)DSS


Similar Part No. - Q67040-S4000-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67040-S4001-A2 SIEMENS-Q67040-S4001-A2 Datasheet
126Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
Q67040-S4003-A2 SIEMENS-Q67040-S4003-A2 Datasheet
121Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
Q67040-S4003-A2 SIEMENS-Q67040-S4003-A2 Datasheet
120Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
logo
Infineon Technologies A...
Q67040-S4003-A2 INFINEON-Q67040-S4003-A2 Datasheet
110Kb / 8P
   SIPMOS Power Transistor
05.99
Q67040-S4003-A5 INFINEON-Q67040-S4003-A5 Datasheet
110Kb / 8P
   SIPMOS Power Transistor
05.99
More results

Similar Description - Q67040-S4000-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ31L SIEMENS-BUZ31L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ101SL SIEMENS-BUZ101SL Datasheet
132Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
BUZ21L SIEMENS-BUZ21L Datasheet
86Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ72L SIEMENS-BUZ72L Datasheet
189Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ70L SIEMENS-BUZ70L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ73L SIEMENS-BUZ73L Datasheet
181Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ71AL SIEMENS-BUZ71AL Datasheet
128Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ71L SIEMENS-BUZ71L Datasheet
129Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ72AL SIEMENS-BUZ72AL Datasheet
187Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ73AL SIEMENS-BUZ73AL Datasheet
176Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com