Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD-45C-24 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # PSD-45C-24
Description  45W DC-DC Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PSD-45C-24 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  PSD-45C-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PSD-45C-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PACKING
0.19Kg;72pcs/15.6Kg/1.35CUFT
DCVOLTAGE
SPECIFICATION
MODEL
OUTPUT
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
LINEREGULATION
LOADREGULATION
VOLTAGERANGE
SETUP,RISE,HOLDUP TIME
EFFICIENCY(Typ.)
DCCURRENT(Typ.)
OVERLOAD
OVERVOLTAGE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
DIMENSION
INPUT
PROTECTION
ENVIRONMENT
SAFETY &
EMC
OTHERS
NOTE
12V
2.5A
0~2.5A
30W
120mVp-p
1000ms,50ms,----/12VDC/24VDCatfullload;1500ms,50ms,----48VDCatfullload
A:9.2~18VDC(12VDC)
B
C:
~72VDC(48VDC)
:18~36VDC(24VDC)
36
74%
3.5A/12VDC2.5A/24VDC1.2A/48VDC
105%-160% ratedoutputpower
Protectiontype:shutdown,Re-poweronafterfaultconditionisremoved
5.75~6.75V/10%load
20~95%RHnon-condensing
10~500Hz,2G10min./1cycle,Periodfor60min.eachalongX, Y,Zaxes
127*76*30mm(L*W*H)
FileName:PSD-45SPEC2011-03-09
2:1 wide input range
Built-in EMI filter, low ripple noise
Fixed switching frequency at
KHZ
Protections:Short circuit/Over load /Over voltage/Polarity
Cooling by free air convection
100% full load burn-in test
Low cost
High reliability
year warranty
96
2
1.All parameters NOT specially mentioned are measured at normal input,rated load and 25
of ambient temperature.
2.Ripple & noise are measued at 20 MHz of bandwidth by using a 12inch twisted pair-wire termined with a 0.1uf & 47uf capacitor.
3.Tolerance:includes set up tolerance,line regulation and load regulation.
4.The interval of turning ON and OFF the power supply continuously is 2 seconds.
PSD-45C-12
5V
6A
0~6A
30W
100mVp-p
24V
1.25A
0~1.25A
30W
150mVp-p
78%
79%
13.8~16.2V/10%load
27.6~32.4V/10%load
EMICONDUCTION&RADIATION CompliancetoEN55022(CISPR22)CLASSB
PSD-45A-24
PSD-45A-12
PSD-45B-12
PSD-45B-24
PSD-45C-24
PSD-45C-05
PSD-45B-05
PSD-45A-05
77%
80%
82%
83%
85%
86%
Features :
EMSIMMUNITY
CompliancetoEN61000-4-2,3,4,6,8EN55024,EN61000-6-1Lightindustrylevel,criteria A
VOLTAGE ADJRANGE
4.5~5.5V
10.8~13.2V
21.6~26.4V
2.0%
0.5%
0.5%
2.0%
%
1.0
%
1.0
2.0%
%
1.0
%
1.0
I/P-O/P:1.5KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
-10~+60
(Refertooutputloadderatingcurve),20 90%RHnon-condensing
~
-20~+85
,10~95%RH
0.05%/
(0~50
)
P S D - 4 5 series
45WDC-DCSingleOutputSwitchingPowerSupply
Protectiontype:Hiccupmode,recoveryautomaticallyafterfaultconditionisremoved
5V
9A
0~9A
45W
5V
9A
0~9A
45W
12V
3.75A
0~3.75A
45W
12V
3.75A
0~3.75A
45W
24V
1.875A
0~1.875A
45W
24V
1.875A
0~1.875A
45W
SAFETY STANDARDS
EN60950-1CBapprovedby TUV
MTBF
329.3Khrsmin.MIL-HDBK-217F(25
)


Similar Part No. - PSD-45C-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PSD-45C-24 MEANWELL-PSD-45C-24 Datasheet
450Kb / 2P
   45W DC-DC Single Output Switching Power Supply
More results

Similar Description - PSD-45C-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PSD-45 MEANWELL-PSD-45 Datasheet
450Kb / 2P
   45W DC-DC Single Output Switching Power Supply
logo
Astrodyne Corporation
PS-45 ASTRODYNE-PS-45 Datasheet
1Mb / 8P
   45W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
EPS-45S MEANWELL-EPS-45S Datasheet
96Kb / 4P
   45W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS45 ASTRODYNE-PS45 Datasheet
322Kb / 4P
   45W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-45 MEANWELL-PS-45_11 Datasheet
341Kb / 2P
   45W Single Output Switching Power Supply
PS-45 MEANWELL-PS-45 Datasheet
338Kb / 2P
   45W Single Output Switching Power Supply
logo
RSG Electronic Componen...
PS-45 RSG-PS-45 Datasheet
197Kb / 2P
   45W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
EPS-45 MEANWELL-EPS-45_12 Datasheet
1Mb / 3P
   45W Single Output Switching Power Supply
EPS-45-5-C MEANWELL-EPS-45-5-C Datasheet
1Mb / 4P
   45W Single Output Switching Power Supply
EPS-45 MEANWELL-EPS-45_11 Datasheet
583Kb / 3P
   45W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com