Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QP-375-5C Datasheet(PDF) 7 Page - Mean Well Enterprises Co., Ltd.

Part # QP-375-5C
Description  375W Quad Output with PFC Function
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

QP-375-5C Datasheet(HTML) 7 Page - Mean Well Enterprises Co., Ltd.

  QP-375-5C Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. QP-375-5C Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. QP-375-5C Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. QP-375-5C Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. QP-375-5C Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. QP-375-5C Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. QP-375-5C Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
-V4
+V4
+V2
+V3
-V3
COM
COM
+V1
+V1
COM
V3,V4 AllNegative(-)
V3PlusV4Positive(+)
-V3
+V4
-V4
+V3
+V2
COM
COM
COM
+V1
+V1
V3,V4 AllPositive(+)
V3PulsNegative(-)
-V3
+V4
-V4
+V3
+V2
-V3
-V4
+V4
+V2
+V3
COM
COM
COM
+V1
+V1
COM
COM
COM
+V1
+V1
COM
-V3
-V4
COM
+V3+V4
COM
+V3
+V4
-V3+(-V4)
COM
RemoteSensing
PowerFailSignal
PowerFailSignal
PFSignalisthevoltagedifferencebetween
"GND"and"PF"pinoutput
PowerON:WhenV
,
=0~0.8VorOpen
RC+ RC-
PowerOFF:WhenV
,
=4~10V
RC+ RC-
FileName:QP-375-SPEC2011-08-19
375WQuadOutputwithPFCFunction
Q P - 3 7 5 series
+5V
GND
PF
-V4
+V4
+V3
-V3
+V2
COM
COM
COM
+V1
+V1
+
-
Load
Load
-
+
+V1
+V1
COM
COM
COM
+V2
-V3
+V3
+V4
-V4
-V4
+V4
+V3
-V3
+V2
COM
COM
COM
+V1
+V1
DC0~15V
+
-
Load
Controlterminalinstructionmanual


Similar Part No. - QP-375-5C

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
QP-375-5C TOTAL-POWER-QP-375-5C Datasheet
150Kb / 5P
   SWITCHING POWER SUPPLY ISO-9001 CERTIFIED MANUFACTURER
logo
Astrodyne Corporation
QP-375-5C ASTRODYNE-QP-375-5C Datasheet
530Kb / 6P
   375W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-375-5C MEANWELL-QP-375-5C Datasheet
770Kb / 7P
   375W Quad Output with PFC Function
logo
RSG Electronic Componen...
QP-375-5C RSG-QP-375-5C Datasheet
294Kb / 7P
   375W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-375-5C MEANWELL-QP-375-5C Datasheet
777Kb / 7P
   375W Quad Output with PFC Function
More results

Similar Description - QP-375-5C

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
QP375 ASTRODYNE-QP375 Datasheet
2Mb / 6P
   375W Quad Output with PFC Function
logo
Total Power Internation...
QP-375 TOTAL-POWER-QP-375_17 Datasheet
994Kb / 7P
   375W Quad Output with PFC Function
logo
Astrodyne Corporation
QP-375 ASTRODYNE-QP-375 Datasheet
530Kb / 6P
   375W Quad Output with PFC Function
logo
RSG Electronic Componen...
QP-375 RSG-QP-375 Datasheet
294Kb / 7P
   375W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-375 MEANWELL-QP-375_10 Datasheet
777Kb / 7P
   375W Quad Output with PFC Function
QP-375 MEANWELL-QP-375 Datasheet
770Kb / 7P
   375W Quad Output with PFC Function
logo
CUI INC
VPPQ-1003C CUI-VPPQ-1003C Datasheet
84Kb / 2P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-150 MEANWELL-QP-150_10 Datasheet
770Kb / 5P
   150W Quad Output with PFC Function
QP-320 MEANWELL-QP-320_10 Datasheet
256Kb / 2P
   320W Quad Output with PFC Function
logo
Astrodyne Corporation
QP-200 ASTRODYNE-QP-200 Datasheet
451Kb / 4P
   200W Quad Output with PFC Function
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com