Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPS-75-5 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # RPS-75-5
Description  75W Single Output Medical Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RPS-75-5 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  RPS-75-5 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RPS-75-5 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
RPS-75-3.3
RPS-75-5
RPS-75-12
RPS-75-15
RPS-75-24
RPS-75-36
RPS-75-48
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
PEAKLOAD(23.5CFM)
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY(Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
ACCURRENT (Typ.)
3.3V
24V
36V
48V
15A
3.2A
2.1A
1.6A
0~20A
0~18.7A
0~8.3A
0~6.7A
0~4.2A
0~2.8A
0~2.1A
49.5W
66W
70W
93.5W
75.6W
99.6W
75W
100.5W
76.8W
100.8W
75.6W
100.8W
76.8W
100.8W
80mVp-p
2.9~3.6V
80mVp-p
4.75~5.5V
120mVp-p
11.4~13.2V
150mVp-p
13.5~16.5V
240mVp-p
22.8~27.6V
300mVp-p
34.2~39.6V
300mVp-p
45.6~52.8V
2.0%
2.0%
1.0%
1.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
1.5%
1.5%
1.0%
1.0%
1.0%
1.0%
1.0%
500ms,30ms/230VAC500ms,30ms/115VACatfullload
80ms/230VAC20ms/115VACatfullload
90~264VAC127~370VDC
47~63Hz
73%
78%
83%
85%
86%
86%
1.5A/115VAC1A/230VAC
COLDSTART 25A/115VAC50A/230VAC
140~180% ratedoutputpower
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved.
3.8~4.46V
5.75~6.75V
13.8~16.2V
17.25~20.25V
27.6~32.4V
41.4~48.6V
55.2~64.8V
Protectiontype:Shutdowno/pvoltage,re-powertorecover
-20~+70
(Referto"DeratingCurve")
20~90%RHnon-condensing
-40~+85
,10~95%RH
0.03%/
(0~45
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
446.8Khrsmin.MIL-HDBK-217F(25
)
127*76.2*31mm(L*W*H)
0.26Kg;63pcs/16.3Kg/1.35CUFT
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Length of set up time is measured at cold first start. Turning ON/OFF the power supply may lead to increase of the set up time.
6. Heat Sink HS1,HS2,HS3 can not be shorted.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
FileName:RPS-75-SPEC2012-02-20
OVERVOLTAGE
SAFETY STANDARDS
R P S - 7 5 series
Features :
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
Universal AC input/Full range
Low leakage current<200uA
Protections: Short circuit / Overload / Over voltage
Free air convection for rated power and 23.5CFM forced air
convection for peak load
ANSI/AAMI ES60601-1/IEC60601-1/EN60601-1 medical safety approved
No load power consumption<0.75W
Fixed switching frequency at 65KHz
3 years warranty
CompliancetoEN55011(CISPR11),EN55022(CISPR22)ClassB,EN61000-3-2,-3
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
ANSI/AAMIES60601-1, TUVEN60601-1,IEC60601-1approved
I/P-O/P:4KVACI/P-FG:1.5KVACO/P-FG:1.5KVAC
75WSingleOutputMedical Type
Earthleakagecurrent<200uA /264VAC,Patient
<100uA/264VAC
leakagecurrent
5V
12V
15V
14A
6.3A
5A
82%
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN55024,EN60601-1-2,EN61000-6-2,EN61204-3,heavyindustrylevel,EN61204-3medicallevel,criteria A
EMCIMMUNITY
EMCEMISSION


Similar Part No. - RPS-75-5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RPS-75-5 MEANWELL-RPS-75-5 Datasheet
301Kb / 2P
   75W Single Output Medical Type
RPS-75-5 MEANWELL-RPS-75-5 Datasheet
305Kb / 2P
   75W Single Output Medical Type
More results

Similar Description - RPS-75-5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RPS-75 MEANWELL-RPS-75_11 Datasheet
305Kb / 2P
   75W Single Output Medical Type
RPS-75 MEANWELL-RPS-75 Datasheet
301Kb / 2P
   75W Single Output Medical Type
RPT-75 MEANWELL-RPT-75 Datasheet
527Kb / 3P
   75W Triple Output Medical Type
RPD-75 MEANWELL-RPD-75_12 Datasheet
305Kb / 2P
   75W Dual Output Medical Type
RPD-75 MEANWELL-RPD-75 Datasheet
287Kb / 2P
   75W Dual Output Medical Type
RPD-75 MEANWELL-RPD-75_11 Datasheet
290Kb / 2P
   75W Dual Output Medical Type
RPT-75 MEANWELL-RPT-75_11 Datasheet
532Kb / 3P
   75W Triple Output Medical Type
RPT-75 MEANWELL-RPT-75_12 Datasheet
564Kb / 3P
   75W Triple Output Medical Type
logo
Total Power Internation...
MPS-65 TOTAL-POWER-MPS-65 Datasheet
343Kb / 2P
   65W Single Output Medical Type
MPS-45 TOTAL-POWER-MPS-45 Datasheet
345Kb / 2P
   45W Single Output Medical Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com