Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPS-60 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # RPS-60
Description  60W Single Output Medical Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RPS-60 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  RPS-60_12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RPS-60_12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
Unit:mm
BlockDiagram
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
O.V.P.
OutputDeratingVSInputVoltage
INPUTVOLTAGE(VAC)60Hz
90
100
95
120
115
160
140
200
180
240
220
264
90
100
80
70
60
50
40
OutputDerating
AMBIENTTEMPERATURE(
)
-20
0
20
10
30
40
20
40
80
60
100
60 65
50
70
fosc:100KHz
ACInputConnector(CN1):JST B3P-VHorequivalent
PinNo.
1
2
3
Assignment
AC/N
NoPin
AC/L
MatingHousing
JST VHR
JST SVH-21T-P1.1
orequivalent
orequivalent
Terminal
DCOutputConnector(CN2):JST B4P-VHorequivalent
PinNo.
1,2
3,4
Assignment
+V
-V
MatingHousing
JST VHR
orequivalent
Terminal
JST SVH-21T-P1.1
orequivalent
FileName:RPS-60-SPEC 2012-01-09
R P S - 6 0 series
1
2
3
4
SVR1
CN2
4-
3.3
101.6
95.25
3.175
CN1
2
3
1
(HORIZONTAL)
FS1
FS2
ACFUSE
T2.5/250V
ACFUSE
T2.5/250V
HS1,HS2 can not be shorted
HS1
HS2
60WSingleOutputMedical Type


Similar Part No. - RPS-60_12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RPS-60-12 MEANWELL-RPS-60-12 Datasheet
287Kb / 2P
   60W Single Output Medical Type
RPS-60-12 MEANWELL-RPS-60-12 Datasheet
298Kb / 2P
   60W Single Output Medical Type
More results

Similar Description - RPS-60_12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RPS-60 MEANWELL-RPS-60 Datasheet
287Kb / 2P
   60W Single Output Medical Type
RPS-60 MEANWELL-RPS-60_11 Datasheet
298Kb / 2P
   60W Single Output Medical Type
GSM60 MEANWELL-GSM60 Datasheet
249Kb / 2P
   60W AC-DC Single Output Medical Type
RPD-60 MEANWELL-RPD-60_11 Datasheet
422Kb / 2P
   60W Dual Output Medical Type
RPT-60 MEANWELL-RPT-60_11 Datasheet
789Kb / 3P
   60W Triple Output Medical Type
RPT-60 MEANWELL-RPT-60_12 Datasheet
821Kb / 3P
   60W Triple Output Medical Type
RPD-60 MEANWELL-RPD-60_12 Datasheet
437Kb / 2P
   60W Dual Output Medical Type
RPD-60 MEANWELL-RPD-60 Datasheet
411Kb / 2P
   60W Dual Output Medical Type
RPT-60 MEANWELL-RPT-60 Datasheet
777Kb / 3P
   60W Triple Output Medical Type
logo
SL Power Electronics
MB60S SLPOWER-MB60S Datasheet
2Mb / 9P
   60W Single Output Medical Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com