Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPT-60A Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # RPT-60A
Description  60W Triple Output Medical Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RPT-60A Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  RPT-60A Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RPT-60A Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RPT-60A Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPECIFICATION
MODEL
RPT-60A
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
5V
4A
0.5~4.4A
46.5W
51.15W
80mVp-p
+3,-2%
0.5%
1.5%
200ms,15ms/230VAC200ms,15ms/115VAC atfullload
70ms/230VAC15ms/115VAC atfullload
90~264VAC127~370VDC
47~63Hz
CH1:5.75~6.75V
77%
1.1A/115VAC0.7A/230VAC
COLDSTART 60A/230VAC30A/115VAC
115~150%ratedoutputpower
-20~+65
(Referto"DeratingCurve")
20~90%RH non-condensing
-40~+85
,10~95%RH
0.03%/
(0~45
)
10~500Hz,2G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
60W TripleOutputMedical Type
R P T- 6 0 series
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
ENVIRONMENT
SAFETY &
EMC
(Note5)
PROTECTION
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. 33% Duty cycle maximum within every 30 seconds. Average output power should not exceed the rated power.
5. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
6. Length of set up time is measured at cold first start. Turning ON/OFF the power supply may lead to increase of the set up time.
7. Heat Sink HS1,HS2 can not be shorted.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
Features :
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
RPT-60B
RPT-60C
12V
CH2
CH2
CH2
-5V
CH3
CH3
CH3
12V
-12V
15V
-15V
5V
5V
2A
0.5A
0.1~0.55A
2A
0.5A
0.1~0.55A
1.5A
0.1~1.65A
0.5A
0.1~0.55A
4A
0.5~4.4A
4A
0.1~2.2A
0.1~2.2A
0.5~4.4A
50W
55W
50W
55W
80mVp-p
80mVp-p
80mVp-p
100mVp-p
100mVp-p
150mVp-p
80mVp-p
80mVp-p
6.0%
+9,-8%
6.0%
+10,-6%
6.0%
8.0%
1.0%
2.0%
1.0%
+5,-7%
2.0%
1.0%
5.0%
2.0%
3.0%
2.0%
4.0%
2.0%
+3,-2%
+3,-2%
0.5%
1.5%
0.5%
1.5%
78%
79%
LINEREGULATION
LOADREGULATION
CH1
CH1
CH1
OUTPUTNUMBER
PEAKLOAD(10sec.)
Note.4
677.8Khrsmin.MIL-HDBK-217F(25
)
101.6*50.8*29mm(L*W*H)
FileName:RPT-60-SPEC2012-01-09
UL60950-1, TUVEN60950-1, ANSI/AAMIES60601-1, TUVEN60601-1,IEC60601-1approved
CompliancetoEN55011(CISPR11),EN55022(CISPR22)ClassB,EN61000-3-2,-3
Complianceto EN61000-4-2,3,4,5,6,8,11,EN55024,EN60601-1-2,EN61204-3,medicallevel,criteria A
I/P-O/P:4KVACI/P-FG:1.5KVACO/P-FG:1.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
4" 2" miniature size
Universal AC input / Full range
Low leakage current<200uA
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
ANSI/AAMI ES60601-1/IEC60601-1/EN60601-1 medical safety approved
Fixed switch frequency at 100KHz
3 years warranty
UL60950-1/IEC60950-1/EN60950-1 ITE safety approved
0.15Kg;96pcs/15.4Kg/0.89CUFT
Forearth<200uA/264VAC,Forpatient<100uA/264VAC
EMCIMMUNITY
EMCEMISSION


Similar Part No. - RPT-60A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RPT-60A MEANWELL-RPT-60A Datasheet
777Kb / 3P
   60W Triple Output Medical Type
RPT-60A MEANWELL-RPT-60A Datasheet
789Kb / 3P
   60W Triple Output Medical Type
More results

Similar Description - RPT-60A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RPT-60 MEANWELL-RPT-60_11 Datasheet
789Kb / 3P
   60W Triple Output Medical Type
RPT-60 MEANWELL-RPT-60 Datasheet
777Kb / 3P
   60W Triple Output Medical Type
RPD-60 MEANWELL-RPD-60_11 Datasheet
422Kb / 2P
   60W Dual Output Medical Type
RPS-60 MEANWELL-RPS-60_12 Datasheet
312Kb / 2P
   60W Single Output Medical Type
RPS-60 MEANWELL-RPS-60 Datasheet
287Kb / 2P
   60W Single Output Medical Type
RPD-60 MEANWELL-RPD-60_12 Datasheet
437Kb / 2P
   60W Dual Output Medical Type
RPD-60 MEANWELL-RPD-60 Datasheet
411Kb / 2P
   60W Dual Output Medical Type
RPS-60 MEANWELL-RPS-60_11 Datasheet
298Kb / 2P
   60W Single Output Medical Type
GSM60 MEANWELL-GSM60 Datasheet
249Kb / 2P
   60W AC-DC Single Output Medical Type
MPT-45 MEANWELL-MPT-45_11 Datasheet
307Kb / 2P
   45W Triple Output Medical Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com