Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBP13005D Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # SBP13005D
Description  High Voltage Fast-SwitchingNPN Power Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

SBP13005D Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  SBP13005D Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd SBP13005D Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd SBP13005D Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd SBP13005D Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SBP13005D
SBP13005D
SBP13005D
SBP13005D
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
High
High
High
High Voltage
Voltage
Voltage
Voltage Fast-Switching
Fast-Switching
Fast-Switching
Fast-Switching NPN
NPN
NPN
NPN Power
Power
Power
Power Transistor
Transistor
Transistor
Transistor
Features
Features
Features
Features
◆ Very High Switching Speed
◆ Minimum Lot-to-Lot hFE Variation
◆ Wide Reverse Bias SOA
◆ Built-in freewheeling diode
General
General
General
General Description
Description
Description
Description
This Device is designed for high voltage, High speed
switching characteristics required such as lighting system,
switching mode power supply.
Absolute
Absolute
Absolute
Absolute Maximum
Maximum
Maximum
Maximum Ratings
Ratings
Ratings
Ratings
S
S
S
Sy
y
y
ymbol
mbol
mbol
mbol
Par
Par
Par
Para
a
a
amet
met
met
mete
e
e
errrr
T
T
T
Tes
es
es
estttt Condi
Condi
Condi
Condittttiiiio
o
o
ons
ns
ns
ns
V
V
V
Va
a
a
alue
lue
lue
lue
Units
Units
Units
Units
VCES
Collector-Emitter Voltage
VBE = 0
700
700
700
700
V
VCEO
Collector-Emitter Voltage
IB = 0
400
V
VEBO
Emitter-Base Voltage
IC = 0
9.0
V
IC
Collector Current
4.0
A
ICP
Collector pulse Current
8.0
A
IB
Base Current
2.0
A
IBM
Base Peak Current
tP = 5ms
4.0
A
PC
Total Dissipation at TC = 25℃
75
W
TJ
Operation Junction Temperature
- 40 ~ 150
TSTG
Storage Temperature
- 40 ~ 150
Thermal
Thermal
Thermal
Thermal Chara
Chara
Chara
Charac
c
c
cteri
teri
teri
teris
s
s
stics
tics
tics
tics
S
S
S
Sy
y
y
ymbol
mbol
mbol
mbol
Par
Par
Par
Para
a
a
amet
met
met
mete
e
e
errrr
V
V
V
Value
alue
alue
alue
Units
Units
Units
Units
RθJC
Thermal Resistance Junction to Case
1.67
℃/W
RθJA
Thermal Resistance Junction to Ambient
62.5
℃/W
Jan 2009. Rev. 0


Similar Part No. - SBP13005D

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
SBP13005D1 WINSEMI-SBP13005D1 Datasheet
325Kb / 4P
   High Voltage Fast-SwitchingNPN Power Transistor
More results

Similar Description - SBP13005D

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
SBP13003-O WINSEMI-SBP13003-O Datasheet
376Kb / 5P
   High Voltage Fast-SwitchingNPN Power Transistor
WBP13005D1 WINSEMI-WBP13005D1 Datasheet
420Kb / 4P
   High Voltage Fast-SwitchingNPN Power Transistor
logo
Tiger Electronic Co.,Lt...
BUL128D TGS-BUL128D Datasheet
65Kb / 1P
   HIGH VOLTAGE FAST-SWITCHINGNPN POWER TRANSISTOR
logo
Shenzhen Winsemi Microe...
SBR13003B1 WINSEMI-SBR13003B1 Datasheet
341Kb / 5P
   High Voltage Fast-SwitchingNPN Power Transistor
logo
Tiger Electronic Co.,Lt...
BUL128 TGS-BUL128 Datasheet
65Kb / 1P
   HIGH VOLTAGE FAST-SWITCHINGNPN POWER TRANSISTOR
logo
Shenzhen Winsemi Microe...
SBP13005-O WINSEMI-SBP13005-O Datasheet
520Kb / 6P
   High Voltage Fast-SwitchingNPN Power Transistor
SBP13007D WINSEMI-SBP13007D Datasheet
326Kb / 4P
   High Voltage Fast-SwitchingNPN Power Transistor
SBN13002 WINSEMI-SBN13002 Datasheet
372Kb / 5P
   High Voltage Fast-SwitchingNPN Power Transistor
SBP5027-R WINSEMI-SBP5027-R Datasheet
488Kb / 5P
   High Voltage Fast-SwitchingNPN Power Transistor
SBP13007-S WINSEMI-SBP13007-S Datasheet
390Kb / 5P
   High Voltage Fast-SwitchingNPN Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com