Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSP-3000-48 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # RSP-3000-48
Description  3000W Single Output Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RSP-3000-48 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  RSP-3000-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RSP-3000-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RSP-3000-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RSP-3000-48 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RSP-3000-48 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. RSP-3000-48 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPECIFICATION
RSP-3000-12
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
OVERTEMPERATURE
WORKINGTEMP.
CURRENTSHARING
OUTPUTVOLTAGETRIM
ALARMSIGNAL OUTPUT
REMOTEON/OFFCONTROL
AUXILIARY POWER(AUX)
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
ACCURRENT (Typ.)
12V
200A
0~200A
2400W
150mVp-p
10.8~13.2V
1.0%
0.5%
0.5%
1000ms,80msatfullload
10msatfullload
180~264VAC254~370VDC
47~63Hz
86%
20A/180VAC16A/230VAC
60A/230VAC
<2.0mA /240VAC
100~112% ratedoutputpower
13.8~16.8V
Useradjustablecontinuousconstantcurrentlimitingorconstantcurrentlimitingwithdelayshutdownafter5seconds,re-powerontorecover
28.8~33.6V
4.8~28V
57.6~67.2V
9.6~56V
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
-20~+70
(Referto"DeratingCurve")
PleaseseetheFunctionManual
PleaseseetheFunctionManual
2.4~13.2V
PleaseseetheFunctionManual
12V@0.1A(OnlyforRemoteON/OFFcontrol)
20~90%RHnon-condensing
-40~+85
,10~95%RH
0.05%/
(0~50
)
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
104.5Khrsmin.MIL-HDBK-217F(25
)
278*177.8*63.5mm(L*W*H)
4Kg;4pcs/16Kg/1.89CUFT
90%
90.5%
0.5%
0.5%
0.5%
0.5%
1.0%
1.0%
150mVp-p
22~28V
200mVp-p
43~56V
24V
125A
0~125A
3000W
48V
62.5A
0~62.5A
3000W
RSP-3000-24
RSP-3000-48
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
FileName:RSP-3000-SPEC2012-04-02
POWERFACTOR (Typ.)
0.95/230VACatfullload
SAFETY STANDARDS
UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22) ClassB,EN61000-3-2,-3
Complianceto EN61000-4-2,3,4,5,6,8,11,EN55024,lightindustrylevel,criteria A
3000WSingleOutputPowerSupply
R S P - 3 0 0 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
ENVIRONMENT
SAFETY &
FUNCTION
EMC
(Note4)
PROTECTION
AC input 180 ~ 264VAC
AC input active surge current limiting
High efficiency up to 90%
Built-in active PFC function,PF>0.95
Protections: Short circuit / Overload / Over voltage / Over temperature
/ Fan alarm
Forced air cooling by built-in DC with fan speed control function
Output voltage can be trimmed between 20~110% of the rated output voltage
High power density 15.6W/inch
Current sharing up to 3 units
Alarm signal output (relay contact and TTL signal)
Built-in 12V/0.1A auxiliary output for remote control
Built-in remote ON-OFF control
Built-in remote sense function
3 years warranty
3
Features :
90
5
(12V),110
5
(24V),105
5
(48V)(TSW1:detectonheatsinkofpowertransistor)
90
5
(12V),85
5
(24V),75
5
(48V)(TSW2:detectonheatsinkofo/pdiode)
EMCIMMUNITY
EMCEMISSION


Similar Part No. - RSP-3000-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSP-3000-48 MEANWELL-RSP-3000-48 Datasheet
329Kb / 5P
   3000W Single Output Power Supply
RSP-3000-48 MEANWELL-RSP-3000-48 Datasheet
373Kb / 6P
   3000W Single Output Power Supply
logo
Total Power Internation...
RSP-3000-48 TOTAL-POWER-RSP-3000-48 Datasheet
377Kb / 6P
   3000W Single Output Power Supply
More results

Similar Description - RSP-3000-48

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
RSP-3000 TOTAL-POWER-RSP-3000 Datasheet
377Kb / 6P
   3000W Single Output Power Supply
logo
Mean Well Enterprises C...
RSP-3000 MEANWELL-RSP-3000_10 Datasheet
373Kb / 6P
   3000W Single Output Power Supply
logo
COTEK ELECTRONIC IND. C...
AK3000 COTEK-AK3000 Datasheet
559Kb / 6P
   3000W Single Output Power Supply
logo
Mean Well Enterprises C...
RSP-3000 MEANWELL-RSP-3000 Datasheet
329Kb / 5P
   3000W Single Output Power Supply
CSP-3000 MEANWELL-CSP-3000 Datasheet
1Mb / 10P
   3000W Power Supply with Single Output
logo
COTEK ELECTRONIC IND. C...
AE-3000 COTEK-AE-3000 Datasheet
3Mb / 6P
   3000W Programmable Single Output
22/02/16
logo
Bel Fuse Inc.
PFE3000-12-069RA BEL-PFE3000-12-069RA_18 Datasheet
2Mb / 27P
   3000W AC-DC FRONT-END POWER SUPPLY
PFF3000-12-069RD BEL-PFF3000-12-069RD Datasheet
1Mb / 25P
   3000W DC-DC FRONT-END POWER SUPPLY
logo
Total Power Internation...
RSP-1500 TOTAL-POWER-RSP-1500 Datasheet
1Mb / 4P
   1500W SINGLE OUTPUT POWER SUPPLY
SPV-1500 TOTAL-POWER-SPV-1500 Datasheet
338Kb / 4P
   1500W Single Output Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com