Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT-85D Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # RT-85D
Description  85W Triple Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RT-85D Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  RT-85D Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RT-85D Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
SPECIFICATION
MODEL
RT-85A
RT-85B
RT-85C
RT-85D
DCVOLTAGE
RATEDCURRENT
OUTPUT
VOLTAGE ADJ.RANGE
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
5V
CH1
12V
CH2
-5V
CH3
12V
CH2
-12V
CH3
5V
CH1
5V
CH1
15V
CH2
24V
CH2
-15V
CH3
12V
CH3
5V
CH1
8A
3.5A
0.5A
3.5A
0.5A
7A
6A
3A
2A
0.5A
1A
8A
2~10A
0.3~4A
0~1A
0.3~4A
0~1A
2~10A
2~10A
0.3~4A
0.3~2.5A
0~1A
0.1~1A
2~10A
84.5W
88W
87.5W
90W
80mVp-p 120mVp-p 100mVp-p
120mVp-p 120mVp-p 80mVp-p
80mVp-p
120mVp-p
150mVp-p
120mVp-p
120mVp-p
80mVp-p
CH1:4.75~5.5V
CH1:4.75~5.5V
CH1:4.75~5.5V
CH1:4.75~5.5V
2.0%
5.0%
6.0%
5.0%
6.0%
2.0%
2.0%
+3,-7%
6.0%
6.0%
6.0%
2.0%
0.5%
1.0%
1.0%
1.0%
0.5%
0.5%
1.0%
1.0%
5.0%
1.0%
1.0%
0.5%
1.0%
3.0%
6.0%
3.0%
6.0%
1.0%
1.0%
1.0%
3.0%
3.0%
6.0%
1.0%
500ms,20ms/230VAC1200ms,30ms/115VAC atfullload
100ms/230VAC18ms/115VAC atfullload
88~264VAC125~373VDC (Withstand300VACsurgefor5sec.Withoutdamage)
47~63Hz
76%
77%
79%
76%
CH1:5.75~6.75V
2.5A/115VAC1.5A/230VAC
COLDSTART 40A/230VAC
<2mA /240VAC
110~150% ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22)ClassB, EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN61000-6-2(EN50082-2),heavyindustrylevel,criteria A
-25~+70
(Referto"DeratingCurve")
20~90%RH non-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
)on+5Voutput
10~500Hz,5G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
215Khrsmin.MIL-HDBK-217F(25
)
159*97*38mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Line regulation is measured from low line to high line at rated load.
5. Load regulation is measured from 20% to 100% rated load, and other output at 60% rated load.
6. Each output can work within current range. But total output power can't exceed rated output power.
7. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
8. Length of set up time is measured at cold first start. Turning ON/OFF the power supply very quickly may lead to increase of the set up time.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
0.6Kg;24pcs/15.4Kg/0.7CUFT
85W TripleOutputSwitchingPowerSupply
R T- 8 5 series
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
CURRENTRANGE
Note.6
RATEDPOWER
Note.6
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
LINEREGULATION
Note.4
LOADREGULATION
Note.5
ENVIRONMENT
PROTECTION
SAFETY &
EMC
(Note7)
Universal AC input / Full range
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
LED indicator for power on
100% full load burn-in test
All using 105
Withstand 300VAC surge input for 5 second
High operating temperature up to 70
Withstand 5G vibration test
High efficiency, long life and high reliability
3 years warranty
long life electrolytic capacitors
Features :
OUTPUTNUMBER
EMCIMMUNITY
EMCEMISSION
FileName:RT-85-SPEC2011-08-19


Similar Part No. - RT-85D

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RT-85D ASTRODYNE-RT-85D Datasheet
784Kb / 2P
   85W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
RT-85D MEANWELL-RT-85D Datasheet
705Kb / 2P
   85W Triple Output Switching Power Supply
RT-85D MEANWELL-RT-85D Datasheet
713Kb / 2P
   85W Triple Output Switching Power Supply
logo
Total Power Internation...
RT-85D TOTAL-POWER-RT-85D Datasheet
778Kb / 2P
   85W Triple Output Switching Power Supply
More results

Similar Description - RT-85D

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RT-85 MEANWELL-RT-85_10 Datasheet
713Kb / 2P
   85W Triple Output Switching Power Supply
RT-85 MEANWELL-RT-85 Datasheet
705Kb / 2P
   85W Triple Output Switching Power Supply
logo
Total Power Internation...
RT-85 TOTAL-POWER-RT-85 Datasheet
778Kb / 2P
   85W Triple Output Switching Power Supply
logo
Astrodyne Corporation
RT85 ASTRODYNE-RT85 Datasheet
297Kb / 4P
   85W Triple Output Switching Power Supply
RT-85 ASTRODYNE-RT-85 Datasheet
784Kb / 2P
   85W Triple Output Switching Power Supply
logo
Total Power Internation...
RD-85 TOTAL-POWER-RD-85 Datasheet
459Kb / 2P
   85W Dual Output Switching Power Supply
RID-85 TOTAL-POWER-RID-85 Datasheet
471Kb / 2P
   85W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
RQ-85 MEANWELL-RQ-85_11 Datasheet
714Kb / 2P
   85W Quad Output Switching Power Supply
logo
Astrodyne Corporation
RQ-85 ASTRODYNE-RQ-85 Datasheet
785Kb / 2P
   85W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
RD-85 MEANWELL-RD-85 Datasheet
387Kb / 2P
   85W Dual Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com