Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSP-3000 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # RSP-3000
Description  3000W Single Output Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RSP-3000 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  RSP-3000_12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RSP-3000_12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RSP-3000_12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RSP-3000_12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RSP-3000_12 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. RSP-3000_12 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3.OutputVoltageTRIM
(1)ConnectinganexternalDCsourcebetweenPV&-SonCN1orCN2,and
thatisshowninFig.3.1.
+S&+V,-S&-Valsoneedtobeconnected
(2)Adjustmentofoutputvoltageispossiblebetween20~110%(Typ.)oftheratedoutputwhichisshowninFig.3.2.Reducingoutputcurrentisrequiredwhenthe
outputvoltageistrimmedup.
2.AlarmSignalOutput
(1)Alarmsignalissentoutthrough"P OK"&"P OKGND"andP OK2&P OKGND2pins.
(2)Anexternalvoltagesourceisrequiredforthisfunction.
(3)Table2.1explainthealarmfunctionbuilt-inthepowersupply.
Fig.2.2InternalcircuitofP OK(Relay,totalis10W)
Fig.3.1 Addon1~6Vexternalvoltage
Fig.3.2Outputvoltagetrimming
ExternalvoltageandR
(Themax.sinkis500mA and20V)
P OKGND
P OK
Function
P OK
Thesignalis"Low"whenthepowersupplyis
80%oftheratedoutputvoltage-PowerOK
above
Low(0.5Vmaxat500mA)
Low(0.5Vmaxat10mA)
Description
Outputofalarm(P OK,RelayContact)
Outputofalarm(P OK2, TTL Signal)
Thesignalturnstobe"High"whenthepowersupply
isunder80%oftheratedoutputvoltage-PowerFail
Highoropen
(Externalappliedvoltage,500mA max.)
Highoropen
(Externalappliedvoltage,10mA max.)
R
V
Fig.2.3InternalcircuitofP OK2(Opencollectormethod)
ExternalvoltageandR
(Themax.sinkis10mA and30V)
P OKGND2
P OK2
R
V
0.1uF
Table2.1Explanationofalarm
1
2
3
4
5
6
V
Vout
100
120
40
60
80
20
EXTERNAL VOLTAGE(DC)
Non-Linear
OVP >120%
40
60
80
100
120
V
100
40
60
80
20
OUTPUTVOLTAGE(%)
20
+S
+V
LOAD
-V
-S
PV
1~6V
-S
FileName:RSP-3000-SPEC 2012-04-02
3000WSingleOutputPowerSupply
R S P - 3 0 0 0 series


Similar Part No. - RSP-3000_12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSP-3000-12 MEANWELL-RSP-3000-12 Datasheet
329Kb / 5P
   3000W Single Output Power Supply
RSP-3000-12 MEANWELL-RSP-3000-12 Datasheet
373Kb / 6P
   3000W Single Output Power Supply
logo
Total Power Internation...
RSP-3000-12 TOTAL-POWER-RSP-3000-12 Datasheet
377Kb / 6P
   3000W Single Output Power Supply
More results

Similar Description - RSP-3000_12

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
RSP-3000 TOTAL-POWER-RSP-3000 Datasheet
377Kb / 6P
   3000W Single Output Power Supply
logo
Mean Well Enterprises C...
RSP-3000 MEANWELL-RSP-3000_10 Datasheet
373Kb / 6P
   3000W Single Output Power Supply
logo
COTEK ELECTRONIC IND. C...
AK3000 COTEK-AK3000 Datasheet
559Kb / 6P
   3000W Single Output Power Supply
logo
Mean Well Enterprises C...
RSP-3000 MEANWELL-RSP-3000 Datasheet
329Kb / 5P
   3000W Single Output Power Supply
CSP-3000 MEANWELL-CSP-3000 Datasheet
1Mb / 10P
   3000W Power Supply with Single Output
logo
COTEK ELECTRONIC IND. C...
AE-3000 COTEK-AE-3000 Datasheet
3Mb / 6P
   3000W Programmable Single Output
22/02/16
logo
Bel Fuse Inc.
PFE3000-12-069RA BEL-PFE3000-12-069RA_18 Datasheet
2Mb / 27P
   3000W AC-DC FRONT-END POWER SUPPLY
PFF3000-12-069RD BEL-PFF3000-12-069RD Datasheet
1Mb / 25P
   3000W DC-DC FRONT-END POWER SUPPLY
logo
Total Power Internation...
RSP-1500 TOTAL-POWER-RSP-1500 Datasheet
1Mb / 4P
   1500W SINGLE OUTPUT POWER SUPPLY
SPV-1500 TOTAL-POWER-SPV-1500 Datasheet
338Kb / 4P
   1500W Single Output Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com