Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-150D-24 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # SD-150D-24
Description  150W Single Output DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SD-150D-24 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SD-150D-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SD-150D-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
FileName:SD-150-SPEC2011-08-23
CaseNo.906Unit:mm
INPUTVOLTAGE(V)
80
85
90
95
100
105
110
115
120
125
132
350
32
300
28
250
24
200
20
150
16
100
12
50
8
AMBIENTTEMPERATURE(
)
(HORIZONTAL)
(VERTICAL)
-10
-10
0
0
10
20
30
40
50
45
60
55
20
40
60
80
100
SD-150B-12
SD-150B-24
SD-150C,D-12
SD-150C,D-24
StaticCharacteristics(24V)
BlockDiagram
fosc:83KHz
CONTROL
FG
I/P
-V
+V
RECTIFIERS
&
FILTER
PWM
SWITCHING
POWER
FILTER
&
RECTIFIERS
FILTER
EMI
O.V.P.
(ONLY DSERIES)
FILTER
O.L.P.
DETECTION
CIRCUIT
TerminalPinNo. Assignment
PinNo.
PinNo.
1,2
4,5
3
6,7
Assignment
Assignment
DCOUTPUT -V
DCOUTPUT +V
FG
INPUT
SD-150B,C
PinNo.
1
2
Assignment
DCINPUT V+
DCINPUT V-
SD-150D
PinNo.
1,2
Assignment
AC/DCINPUT
20
159
199
100
172
192
5-M3
190.5
3.5
6
7
6
5
4
3
2
1
5
150WSingleOutputDC-DCConverter
S D - 1 5 0 series


Similar Part No. - SD-150D-24

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SD-150D-24 ASTRODYNE-SD-150D-24 Datasheet
204Kb / 2P
   150W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-150D-24 MEANWELL-SD-150D-24 Datasheet
432Kb / 2P
   150W Single Output DC-DC Converter
SD-150D-24 MEANWELL-SD-150D-24 Datasheet
438Kb / 2P
   150W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-150D-24 ASTRODYNE-SD-150D-24 Datasheet
685Kb / 2P
   150W Single Output DC-DC Converter
More results

Similar Description - SD-150D-24

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SD150 ASTRODYNE-SD150 Datasheet
685Kb / 2P
   150W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-150 MEANWELL-SD-150_10 Datasheet
438Kb / 2P
   150W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-150 ASTRODYNE-SD-150 Datasheet
204Kb / 2P
   150W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-150 MEANWELL-SD-150 Datasheet
432Kb / 2P
   150W Single Output DC-DC Converter
RSD-150 MEANWELL-RSD-150 Datasheet
256Kb / 2P
   150W Railway Single Output DC-DC Converter
RSD-150 MEANWELL-RSD-150_12 Datasheet
236Kb / 2P
   150W Railway Single Output DC-DC Converter
MHB150 MEANWELL-MHB150 Datasheet
840Kb / 6P
   150W DC-DC Half-Brick Regulated Single Output Converter
logo
GAPTEC Electronic GmbH ...
150HBRW4 GAPTEC-150HBRW4 Datasheet
3Mb / 7P
   150W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
150QBW4 GAPTEC-150QBW4 Datasheet
3Mb / 6P
   150W Quarter-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com