Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP-480-12 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SP-480-12
Description  480W Single Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SP-480-12 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SP-480-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SP-480-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
SP-480-3.3
SP-480-5
SP-480-12
SP-480-15
SP-480-24
SP-480-48
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.7
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
OVERTEMPERATURE Note.4
SAFETY STANDARDS
WORKINGHUMIDITY
WORKINGTEMP.
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
REMOTECONTROL
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
ACCURRENT (Typ.)
3.3V
5V
12V
15V
24V
48V
85A
85A
40A
32A
20A
10A
0~85A
0~85A
0~43A
0~35A
0~22A
0~11A
280.5W
280.5W
425W
425W
480W
516W
480W
525W
480W
528W
480W
528W
80mVp-p
80mVp-p
120mVp-p
150mVp-p
150mVp-p
240mVp-p
2.9~3.6V
4.5~5.5V
10.8~13.2V
13.5~18V
22~27.6V
41~56V
2.0%
2.0%
1.5%
1.5%
1.0%
1.0%
0.5%
0.5%
0.3%
0.3%
0.2%
0.2%
1.0%
1.0%
0.5%
0.5%
0.5%
0.5%
1000ms,80ms/230VAC2500ms,80ms/115VACatfullload
18ms/230VAC18ms/115VACatfullload
85~264VAC120~370VDC
47~63Hz
PF>0.95/230VACPF>0.98/115VACatfullload
73%
79%
85%
85%
87%
89%
6.5A/115VAC3.5A/230VAC
20A/115VAC40A/230VAC
<2mA /240VAC
87~103A
87~103A
45.15~58.05A
36.75~47.25A
23.1~29.7A
11.55~14.85A
3.8~4.45V
5.75~6.75V
13.8~16.2V
18~21V
28.8~33.6V
57.6~67.2V
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterconditionsisremoved
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
80
(TSW1)detectonheatsinkofpowertransistor90
(TSW2)detectonheatsinkofpowerdiode
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22)ClassB, EN61000-3-2,-3
Complianceto EN61000-4-2,3,4,5,6,8,11,EN61000-6-2(EN50082-2),lightindustrylevel,criteria A
20~90%RHnon-condensing
-20~+60
(Referto"DeratingCurve")
-40~+85
,10~95%RH
0.03%/
(0~50
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
120.5Khrsmin.MIL-HDBK-217F(25
)
RC+/RC-:0~0.8V=poweron;4~10V=poweroff
278*127*43mm(L*W*H)
1.7Kg;6pcs/11.3Kg/0.67CUFT
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. TSW1: Detect on heatsink of power transistor.
TSW2: Detect on heatsink of output diode.
5. 33% Duty cycle maximum within every 30 minute. Average output power should not exceed the rated power.
6. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
7. Derating may be needed under low input voltages. Please check the derating curve for more details.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
FileName:SP-480-SPEC2011-08-23
FUNCTION
480WSingleOutputwithPFCFunction
Universal AC input / Full range
Built in active PFC function, PF>0.95
Protections: Short circuit / Overload / Over voltage / Over temperature
Forced air cooling by built-in DC fan
High power density 5.18w/in
Low profile:43mm thickness
Built-in remote ON-OFF control
Built-in remote sense function
Active AC surge current limiting
3 years warranty
3
Features :
S P - 4 8 0 series
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:Short
I/P-O/P,I/P-FG:100MOhms/500VDC /25
/70%RH
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
(Note6)
PROTECTION
PEAKLOAD(10min.)
Note.5
EMCIMMUNITY
EMCEMISSION


Similar Part No. - SP-480-12

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SP-480-12 ASTRODYNE-SP-480-12 Datasheet
318Kb / 2P
   480W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-480-12 MEANWELL-SP-480-12 Datasheet
343Kb / 2P
   480W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-480-12 RSG-SP-480-12 Datasheet
122Kb / 2P
   480W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-480-12 MEANWELL-SP-480-12 Datasheet
352Kb / 2P
   480W Single Output with PFC Function
logo
Total Power Internation...
SP-480-12 TOTAL-POWER-SP-480-12 Datasheet
449Kb / 2P
   480W Single Output with PFC Function
More results

Similar Description - SP-480-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SP-480 MEANWELL-SP-480 Datasheet
343Kb / 2P
   480W Single Output with PFC Function
logo
Total Power Internation...
SP-480 TOTAL-POWER-SP-480 Datasheet
449Kb / 2P
   480W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-480 RSG-SP-480 Datasheet
122Kb / 2P
   480W Single Output with PFC Function
logo
Astrodyne Corporation
SP480 ASTRODYNE-SP480 Datasheet
342Kb / 4P
   480W Single Output with PFC Function
SP-480 ASTRODYNE-SP-480 Datasheet
318Kb / 2P
   480W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-480 MEANWELL-SP-480_10 Datasheet
352Kb / 2P
   480W Single Output with PFC Function
logo
Total Power Internation...
DRP-480S TOTAL-POWER-DRP-480S Datasheet
227Kb / 2P
   480W Single Output DIN RAIL with PFC Function
logo
Mean Well Enterprises C...
DRP-480S MEANWELL-DRP-480S_09 Datasheet
159Kb / 2P
   480W Single Output DIN RAIL with PFC Function
DRP-480S MEANWELL-DRP-480S_11 Datasheet
159Kb / 2P
   480W Single Output DIN RAIL with PFC Function
DRP-480S MEANWELL-DRP-480S Datasheet
149Kb / 2P
   480W Single Output DIN RAIL with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com