Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPU03L-12 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SPU03L-12
Description  3W DC-DC Unregulated Single Output Converter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SPU03L-12 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SPU03L-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3000VDC I/O isolation
Internal SMD technology
Built-in EMI filter
Protection: Short circuit
Cooling by free air convection
Non-conductive plastic case
Single in line package
100% full load burn-in test
Low cost / High reliability
2 years warranty
SPECIFICATION
FileName:SPU03-SPEC2012-02-22
SPU03L-05
82%
60~600mA
5V
SPU03M-05
83%
ORDERNO.
DCOUTPUTVOLTAGE
CURRENTRANGE
EFFICIENCY (Typ.)
RATEDPOWER
RIPPLE&NOISE(max.) Note.2
OUTPUT
LINEREGULATION
Note.3
LOADREGULATION
Note.4
SWITCHINGFREQUENCY
NORMAL VOLTAGE
INPUTCURRENT
INPUT
ENVIRONMENT
SAFETY &
EMC
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
ISOLATIONCAPACITANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
WEIGHT
OVERLOAD
FILTER
PROTECTION
SHORTCIRCUIT
PROTECTION
VOLTAGE ACCURACY
Momentary
Momentary
I/P-O/P:3KVDC
I/P-O/P:100MOhms/ 500VDC/25
/70%RH
80pFmax.
700khrsmin.MIL-HDBK-217F(25
)
-40~+90
(Referto"DeratingCurve")
20%~90%RHnon-condensing
-40~+105
,10~95%RH
0.03%/
(0~50
)
10 ~ 500Hz, 2G 10min./1 cycle, period for 60min. each along X, Y, Z axes
19.6*7.5*10.2mmor0.77"*0.30"*0.40"inch (L*W*H)
2.9g
1.All parameters are specified at normal input, rated load, 25
70% RH ambient.
2.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
3.Line regulation is measured from low line to high line at rated load.
4.Load regulation is measured from 20% to 100% rated load.
Fullload
Noload
Capacitortype
Fuserecommended
MechanicalSpecification
Unit:mm(inch)
PinConfiguration
DeratingCurve
155mA
150mA
145mA
15mA
15mA
15mA
24V
12V
12V
24V
24V
740mA
715mA
705mA
60mA
65mA
65mA
5V
VOLTAGERANGE
21.6~26.4V 4.5~5.5V
4.5~5.5V
10.8~13.2V
10.8~13.2V
21.6~26.4V
21.6~26.4V
4.5~5.5V
60KHzmin.
2.0%
8.0%
1.2%for1%inputvariation
50mVp-p
3W
10.8~13.2V
305mA
300mA
300mA
25mA
25mA
30mA
12V
BOTTOMVIEW
NOTE:Pinsizetolerance0.50 0.30mm 0.05mm
FRONT VIEW
19.6(0.77)
5.08(0.20)
3.81(0.15)
7.5(0.3)
0.5(0.02)
2.54(0.10)
1257
1.2(0.05)
3WDC-DCUnregulatedSingleOutputConverter
S P U 0 3 series
Features :
Ta(
)
-40
0
25
50
90
80
50
100
Protectiontype:Broken
Protectiontype: Broken
Output
+Vin
-Vin
-Vout
+Vout
PinNo.
1
2
5
7
100
SPU03N-05
83%
SPU03L-12
85%
25~250mA
12V
SPU03M-12
86%
SPU03N-12
86%
SPU03L-15
86%
20~200mA
15V
SPU03M-15 SPU03N-15
86%
88%
5V
5V
EMICONDUCTION&RADIATION
EMSIMMUNITY
CompliancetoEN55022ClassB,FCCpart15ClassB
CompliancetoEN61000-4-2,3,4,5,6,8,lightindustrylevel,criteria A


Similar Part No. - SPU03L-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SPU03 MEANWELL-SPU03 Datasheet
54Kb / 1P
   3W DC-DC Unregulated Single Output Converter
logo
Infineon Technologies A...
SPU03N60C3 INFINEON-SPU03N60C3 Datasheet
290Kb / 12P
   Cool MOS Power Transistor
2003-10-02
SPU03N60C3 INFINEON-SPU03N60C3 Datasheet
987Kb / 13P
   Cool MOS Power Transistor
2008-04-07 revision:2.5
SPU03N60C3 INFINEON-SPU03N60C3 Datasheet
640Kb / 13P
   Ultra low gate charge
SPU03N60C3 INFINEON-SPU03N60C3 Datasheet
640Kb / 13P
   Cool MOS Power Transistor
Rev. 2.6 2014-09-04
More results

Similar Description - SPU03L-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SPU03 MEANWELL-SPU03 Datasheet
54Kb / 1P
   3W DC-DC Unregulated Single Output Converter
logo
GAPTEC Electronic GmbH ...
3MT28A GAPTEC-3MT28A Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
MORNSUN Science& Techno...
CB0505D-1W MORNSUN-CB0505D-1W Datasheet
361Kb / 4P
   UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
CB0505XT-1W MORNSUN-CB0505XT-1W Datasheet
144Kb / 3P
   UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
B0503S-3 MORNSUN-B0503S-3 Datasheet
262Kb / 3P
   UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
WRB0503T-2W MORNSUN-WRB0503T-2W Datasheet
165Kb / 2P
   3W SINGLE OUTPUT DC/DC CONVERTER
logo
Mean Well Enterprises C...
SMA01L-05 MEANWELL-SMA01L-05 Datasheet
141Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SBT01 MEANWELL-SBT01 Datasheet
266Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SMU02 MEANWELL-SMU02 Datasheet
57Kb / 1P
   2W DC-DC Unregulated Single Output Converter
SMU01 MEANWELL-SMU01 Datasheet
53Kb / 1P
   1W DC-DC Unregulated Single Output Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com