Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPV-600-48 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SPV-600-48
Description  600W Single Output with PFC Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SPV-600-48 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SPV-600-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SPV-600-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SPV-600-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPECIFICATION
MODEL
DC VOLTAGE
RATED CURRENT
CURRENT RANGE
RATED POWER
OUTPUT
VOLTAGE ADJ. RANGE
LINE REGULATION
LOAD REGULATION
SETUP, RISE TIME
HOLD UP TIME (Typ.)
VOLTAGE RANGE
Note.4
FREQUENCY RANGE
POWER FACTOR (Typ.)
EFFICIENCY(Typ.)
AC CURRENT (Typ.)
INPUT
INRUSH CURRENT (Typ.)
LEAKAGE CURRENT
SAFETY STANDARDS
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
1500ms, 50ms at full load
20ms at full load
88~264VAC
124~370VDC
47~63Hz
84%
86%
6.8A/115VAC
3.4A/230VAC
20A/115VAC
40A/230VAC
<1.3mA/240VAC
105 ~ 135% rated output power
Protection type : Constant current limiting, recovers automatically after fault condition is removed
Design refer to UL60950-1, TUV EN60950-1
-20 ~ +60
(Refer to output load derating curve)
20 ~ 90% RH non-condensing
-40~+85
,10~95% RH
0.03%/
(0 ~ 50
)
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
116.4K hrs min.
MIL-HDBK-217F (25
)
170*120*93mm (L*W*H)
12V
24V
50A
25A
12.5A
0 ~ 50A
0 ~ 25A
0 ~ 12.5A
600W
600W
600W
240mVp-p
240mVp-p
300mVp-p
10 ~ 13.2V
20 ~ 26.4V
41 ~ 56V
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
SPV-600-12
SPV-600-24
SPV-600-48
1.9Kg; 8pcs/15.5Kg/1.06CUFT
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Derating may be needed under low input voltages. Please check the derating curve for more details.
OVER VOLTAGE
13.8 ~ 16.2V
27.6 ~ 32.4V
4.8 ~ 26.4V
57.6 ~ 67.2V
9.6 ~ 52.8V
Universal AC input / Full range
Built-in active PFC function
Protections: Short circuit / Overload / Over voltage / Over temperature
Forced air cooling by built-in DC fan
Output voltage programmable from 20~110% by 1~5.5VDC external
control signal
With DC OK Signal output
Built-in remote ON-OFF control
Fixed switching frequency at PFC:88KHz PWM:100KHz
3 years warranty
Features :
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:3KVAC
I/P-FG:1.5KVAC
O/P-FG:0.5KVAC
I/P-O/P, I/P-FG, O/P-FG:100M Ohms / 500VDC / 25
/ 70% RH
ENVIRONMENT
PROTECTION
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.3
0.95/230VAC
0.99/115VAC at full load
SAFETY
Protection type : Shut down o/p voltage, re-power on to recover
REMOTE CONTROL
POK SIGNAL
OUTPUT VOLTAGE TRIM
FUNCTION
RC+/RC-: Short = power on ; Open = power off
PSU turn on: 3.3V ~ 5.6V
PSU turn off: 0V ~ 1V
2.4 ~ 13.2V
OVER TEMPERATURE
85
(TSW1) detect on heatsink of power transistor; 80
(TSW51) detect on heatsink of power diode
Protection type : Shut down o/p voltage, re-power on to recover
600W Single Output with PFC Function
87%
48V
SPV-600 series
File Name:SPV-600-SPEC 2009-12-21


Similar Part No. - SPV-600-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SPV-150 MEANWELL-SPV-150 Datasheet
320Kb / 3P
   150W Single Output with PFC Function
SPV-150-12 MEANWELL-SPV-150-12 Datasheet
339Kb / 3P
   150W Single Output with PFC Function
SPV-150-12 MEANWELL-SPV-150-12 Datasheet
320Kb / 3P
   150W Single Output with PFC Function
SPV-150-12 MEANWELL-SPV-150-12 Datasheet
341Kb / 3P
   150W Single Output with PFC Function
SPV-150-24 MEANWELL-SPV-150-24 Datasheet
339Kb / 3P
   150W Single Output with PFC Function
More results

Similar Description - SPV-600-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HRP-600 MEANWELL-HRP-600_11 Datasheet
293Kb / 2P
   600W Single Output with PFC Function
HRPG-600 MEANWELL-HRPG-600 Datasheet
378Kb / 4P
   600W Single Output with PFC Function
HRP-600 MEANWELL-HRP-600 Datasheet
97Kb / 2P
   600W Single Output with PFC Function
HRP-600N MEANWELL-HRP-600N Datasheet
703Kb / 5P
   600W Single Output with PFC Function
HRPG-600 MEANWELL-HRPG-600_11 Datasheet
378Kb / 4P
   600W Single Output with PFC Function
SCN-600 MEANWELL-SCN-600 Datasheet
345Kb / 3P
   600W Single Output With Parallel Function
PSP-600 MEANWELL-PSP-600_11 Datasheet
396Kb / 3P
   600W with PFC and Parallel Function
PSP-600 MEANWELL-PSP-600 Datasheet
392Kb / 3P
   600W with PFC and Parallel Function
logo
Astrodyne Corporation
PSP600 ASTRODYNE-PSP600 Datasheet
936Kb / 5P
   600W with PFC and Parallel Function
logo
Total Power Internation...
PSP-600 TOTAL-POWER-PSP-600 Datasheet
504Kb / 3P
   600W with PFC and Parallel Function
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com